Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7034-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7034-3
Description  0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7034-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7034-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7034-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7034-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To
2 GHz
Configuration
Design
Step, Bidirectional Attenuator
Connector 1
BNC Female
Connector 2
BNC Female
Body Material and Plating
Aluminum
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
50
Attenuation Value, dB
0 to 10
Step Size, dB
1
Step Type
Rotary
Maximum Input Power, Watts
1
Maximum Insertion Loss, dB
0.4
Maximum VSWR
1.4:1
Frequency 1
Range, MHz
DC to 1,000
VSWR
1.2:1
Attenuation Accuracy, dB
± 0.2
Frequency 2
Range, GHz
1 to 2
VSWR
1.4:1
Attenuation Accuracy, dB
± 0.4
Mechanical Specifications
Temperature
Operating Range, deg C
-20 to +85
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
4 [101.6]
Height, in [mm]
4 [101.6]
.
Connector 1
Type
BNC Female
Outer Conductor Material and Plating
Aluminum
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To
1 Watt Up To 2 GHz PE7034-3
PE7034-3
PE7034-3 REV
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC
Female With 1 dB Step Rated To 1 Watt Up To 2 GHz


Similar Part No. - PE7034-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-1 PASTERNACK-PE7034-1 Datasheet
348Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female to BNC Female
PE7034-1 PASTERNACK-PE7034-1_16 Datasheet
348Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female to BNC Female
PE7034-2 PASTERNACK-PE7034-2 Datasheet
258Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-2 PASTERNACK-PE7034-2 Datasheet
356Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female
More results

Similar Description - PE7034-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-2 PASTERNACK-PE7034-2 Datasheet
258Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-5 PASTERNACK-PE7034-5 Datasheet
258Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-4 PASTERNACK-PE7034-4 Datasheet
258Kb / 3P
   0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7036-3 PASTERNACK-PE7036-3 Datasheet
261Kb / 3P
   0 to 102 dB Toggle Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-6 PASTERNACK-PE7034-6 Datasheet
258Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 2 Watts Up To 2 GHz
PE7035-4 PASTERNACK-PE7035-4 Datasheet
255Kb / 3P
   0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-1 PASTERNACK-PE7034-1_16 Datasheet
348Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female to BNC Female
PE7036-2 PASTERNACK-PE7036-2 Datasheet
262Kb / 3P
   0 to 82.5 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-6 PASTERNACK-PE7034-6_14 Datasheet
221Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com