Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5M Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SZ5M
Description  Super high Flux output and high Luminance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5M Datasheet(HTML) 5 Page - Seoul Semiconductor

  SZ5M Datasheet HTML 1Page - Seoul Semiconductor SZ5M Datasheet HTML 2Page - Seoul Semiconductor SZ5M Datasheet HTML 3Page - Seoul Semiconductor SZ5M Datasheet HTML 4Page - Seoul Semiconductor SZ5M Datasheet HTML 5Page - Seoul Semiconductor SZ5M Datasheet HTML 6Page - Seoul Semiconductor SZ5M Datasheet HTML 7Page - Seoul Semiconductor SZ5M Datasheet HTML 8Page - Seoul Semiconductor SZ5M Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
서식번호 : SSC- QP- 7- 07- 12 (Rev.02)
SSC
SSC-
-SZ5M
SZ5M
January 2012
January 2012
www.seoulsemicon.com
www.seoulsemicon.com
5
Outline dimensions
Notes :
[1] All dimensions are in millimeters.
[2] Scale : none
[3] Undefined tolerance is ± 0.1mm
Circuit
Side View
Top View
Bottom View


Similar Part No. - SZ5M

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
   Applicable for automotive exterior light
SZ5-M0 SEOUL-SZ5-M0 Datasheet
954Kb / 24P
   Superior high Flux for High Current System
SZ5-M0-W0-00 SEOUL-SZ5-M0-W0-00 Datasheet
954Kb / 24P
   Super high Flux output and high
SZ5-M0-W0-C8 SEOUL-SZ5-M0-W0-C8 Datasheet
954Kb / 24P
   Super high Flux output and high
SZ5-M0-WN-00 SEOUL-SZ5-M0-WN-00 Datasheet
954Kb / 24P
   Super high Flux output and high
More results

Similar Description - SZ5M

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com