Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPNGA16E Datasheet(PDF) 4 Page - Agere Systems

Part # BPNGA16E
Description  Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPNGA16E Datasheet(HTML) 4 Page - Agere Systems

  BPNGA16E Datasheet HTML 1Page - Agere Systems BPNGA16E Datasheet HTML 2Page - Agere Systems BPNGA16E Datasheet HTML 3Page - Agere Systems BPNGA16E Datasheet HTML 4Page - Agere Systems BPNGA16E Datasheet HTML 5Page - Agere Systems BPNGA16E Datasheet HTML 6Page - Agere Systems BPNGA16E Datasheet HTML 7Page - Agere Systems BPNGA16E Datasheet HTML 8Page - Agere Systems BPNGA16E Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Lucent Technologies Inc.
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Electrical Characteristics (continued)
Table 3. Voltage and Current Characteristics
For the variation in VOH and VOL over the temperature range, see Figures 7 and 8.
TA = –40 °C to +125 °C.*
* Values are with terminations as per Figure 4 or equivalent.
† The input levels and difference voltage provide zero noise immunity and should be tested only in a static, noise-free environment.
‡ Test must be performed one lead at a time to prevent damage to the device.
§ See Figure 1 for BPPGA terminations.
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltages:
Low*
VOL
VOH – 1.4
VOH
− 1.1
VOH
− 0.65
V
High*:
BDG1A, BDP1A, BPNGA, BPNPA, BPPGA
VOH
VCC
− 1.8
VCC
− 1VCC − 0.8
V
BDGLA
VOH
VCC
− 2.5
VCC
− 2VCC − 1.6
V
Differential Voltage (VOH – VOL)VDIFF
0.65
1.1
1.4
V
Output Voltages (TA = 0 °C to 85 °C):
Low*
VOL
VOH – 1.4
VOH
− 1.1
VOH
− 0.8
V
High*:
BDG1A, BDP1A, BPNGA, BPNPA, BPPGA
VOH
VCC
− 1.5
VCC
− 1VCC − 0.8
V
BDGLA
VOH
VCC
− 2.5
VCC
− 2VCC − 1.6
V
Differential Voltage (VOH – VOL)VDIFF
0.8
1.1
1.4
V
Third State, IOH = –1.0 mA, VCC = 4.5 V:
BDG1A, BDP1A, BPNGA, BPNPA, BPPGA
VOZ
—VOL
− 0.5
VOL
− 0.2
V
BDGLA
VOZ
—0.2
0.5
V
Input Voltages:
Low, VCC = 5.5 V:
Data Input
VIL†
——
0.8
V
Enable Input
VIL†
——
0.7
V
High, VCC = 4.5 V
VIH
2.0
V
Clamp, VCC = 4.5 V, II = –5.0 mA
VIK
——
−1.0
V
Short-circuit Output Current, VCC = 5.5 V
IOS‡
–100
mA
Input Currents, VCC = 5.5 V:
Low, VI = 0.4 V
IIL
——
−400
µA
High, VI = 2.7 V
IIH
——
20
µA
Reverse, VI = 5.5 V
IIH
100
µA
Output Resistors:
BDP1A, BPNPA, BPPGA§
RO
220


Similar Part No. - BPNGA16E

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPNGA16E AGERE-BPNGA16E Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
More results

Similar Description - BPNGA16E

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com