Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRR1A16NB Datasheet(PDF) 6 Page - Agere Systems

Part # BRR1A16NB
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRR1A16NB Datasheet(HTML) 6 Page - Agere Systems

Back Button BRR1A16NB Datasheet HTML 2Page - Agere Systems BRR1A16NB Datasheet HTML 3Page - Agere Systems BRR1A16NB Datasheet HTML 4Page - Agere Systems BRR1A16NB Datasheet HTML 5Page - Agere Systems BRR1A16NB Datasheet HTML 6Page - Agere Systems BRR1A16NB Datasheet HTML 7Page - Agere Systems BRR1A16NB Datasheet HTML 8Page - Agere Systems BRR1A16NB Datasheet HTML 9Page - Agere Systems BRR1A16NB Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
6
Agere Systems Inc.
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
Temperature Characteristics
12-3463.a(F)
Figure 7. Typical and Maximum ICC vs. Temperature
12-3464.a(F)
Figure 8. Minimum VOH and Maximum VOL vs.
Temperature at VCC = 4.5 V
12-3465(F)
Figure 9. Propagation Delay for a High Output (tPLH)
vs. Temperature at VCC = 5.0 V
12-3466(F)
Figure 10. Propagation Delay for a Low Output
(tPHL) vs. Temperature at VCC = 5.0 V
–25
0
25
50
75
100
18
26
TEMPERATURE (
°C)
22
20
24
32
125
150
28
–50
30
ICC MAX
VCC = 5.5
ICC TYP
VCC = 5.0
–25
0
25
50
75
100
0.0
1.6
TEMPERATURE (
°C)
0.8
0.4
1.2
2.8
125
150
2.0
–50
2.4
IOH MIN
IOL MAX
3.2
3.6
3.8
–25
0
25
50
75
100
1.00
3.00
TEMPERATURE (
°C)
2.00
1.50
2.50
4.00
125
150
3.50
MAX
TYP
MIN
–50
–25
0
25
50
75
1.00
1.50
2.00
4.00
125
150
–50
2.50
3.00
3.50
MAX
TYP
MIN
TEMPERATURE (
°C)
100
Handling Precautions
CAUTION: This device is susceptible to damage as a result of ESD. Take proper precautions during both
handling and testing. Follow guidelines such as JEDEC Publication No. 108-A (Dec. 1988).
When handling and mounting line driver products, proper precautions should be taken to avoid exposure to ESD.
The user should adhere to the following basic rules for ESD control:
1. Assume that all electronic components are sensitive to ESD damage.
2. Never touch a sensitive component unless properly grounded.
3. Never transport, store, or handle sensitive components except in a static-safe environment.


Similar Part No. - BRR1A16NB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BRR TI-BRR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - BRR1A16NB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com