Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D374 Datasheet(PDF) 7 Page - Agere Systems

Part # D374
Description  D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D374 Datasheet(HTML) 7 Page - Agere Systems

  D374 Datasheet HTML 1Page - Agere Systems D374 Datasheet HTML 2Page - Agere Systems D374 Datasheet HTML 3Page - Agere Systems D374 Datasheet HTML 4Page - Agere Systems D374 Datasheet HTML 5Page - Agere Systems D374 Datasheet HTML 6Page - Agere Systems D374 Datasheet HTML 7Page - Agere Systems D374 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
December 2000
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
7
Agere Systems Inc.
Ordering Information
Table 4. Ordering Information
Code
Comcode
Pfiber
Connector
D374-10A
108200601
1.0 mW
SC-PC
D374-10F
108226911
1.0 mW
FC-PC
D374-02A
108321456
0.2 mW
SC-PC
D374-02F
108321464
0.2 mW
FC-PC
D374-02N
108320144
0.2 mW
None


Similar Part No. - D374

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
D37-015-020-ANBMG MITSUMI-D37-015-020-ANBMG Datasheet
81Kb / 2P
   Detach Connectors
logo
Agere Systems
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
D370-02A AGERE-D370-02A Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
D370-02F AGERE-D370-02F Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
D370-02N AGERE-D370-02N Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
More results

Similar Description - D374

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com