Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRR1A16NB-TR Datasheet(PDF) 4 Page - Agere Systems

Part # BRR1A16NB-TR
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRR1A16NB-TR Datasheet(HTML) 4 Page - Agere Systems

  BRR1A16NB-TR Datasheet HTML 1Page - Agere Systems BRR1A16NB-TR Datasheet HTML 2Page - Agere Systems BRR1A16NB-TR Datasheet HTML 3Page - Agere Systems BRR1A16NB-TR Datasheet HTML 4Page - Agere Systems BRR1A16NB-TR Datasheet HTML 5Page - Agere Systems BRR1A16NB-TR Datasheet HTML 6Page - Agere Systems BRR1A16NB-TR Datasheet HTML 7Page - Agere Systems BRR1A16NB-TR Datasheet HTML 8Page - Agere Systems BRR1A16NB-TR Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Agere Systems Inc.
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
Timing Characteristics
Table 4. Timing Characteristics (See Figure 4 and Figure 5.)
For propagation delays (tPLH and tPHL) over the temperature range, see Figure 9 and Figure 10.
Propagation delay test circuit connected to output is shown in Figure 6.
TA = –40 °C to +125 °C, VCC = 5 V
± 0.5 V.
12-3462(F)
Note: This graph is included as an aid to the system designers. Total circuit delay varies with load capacitance. The total delay is the sum of the
delay due to the external capacitance and the intrinsic delay of the device.
Figure 3. Typical Extrinsic Propagation Delay vs. Load Capacitance at 25 °C
Parameter
Symbol
Min
Typ
Max
Unit
Propagation Delay:
Input to Output High
tPLH
1.5
2.5
4.0
ns
Input to Output Low
tPHL
1.5
2.5
4.0
ns
Disable Time, CL = 5 pF:
High-to-high Impedance
tPHZ
—5
12
ns
Low-to-high Impedance
tPLZ
—5
12
ns
Pulse Width Distortion, ltpHL
− tpLHI:
Load Capacitance (CL) = 15 pF
tskew1
0.7
ns
Load Capacitance (CL) = 150 pF
tskew1
4.0
ns
Output Waveform Skews:
Part-to-Part Skew, TA = 75 °C
∆tskew1p-p
0.8
1.4
ns
Part-to-Part Skew, TA = –40 °C to +125 °C
∆tskew1p-p
1.5
ns
Same Part Skew
∆tskew
0.3
ns
Enable Time:
High Impedance to High
tPZH
—8
12
ns
High Impedance to Low
tPZL
—8
12
ns
Rise Time (20%—80%)
ttLH
——
3.0
ns
Fall Time (80%—20%)
ttHL
——
3.0
ns
25
50
75
100
125
150
0
LOAD CAPACITANCE, CL (pF)
2
1
3
7
175
200
0
4
5
6
tPHL (TYP)
tPLH (TYP)


Similar Part No. - BRR1A16NB-TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BRR TI-BRR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - BRR1A16NB-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com