Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-D1M32B-100F14Q Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT-D1M32B-100F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M32B-100F14Q Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT-D1M32B-100F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M32B-100F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
7
AC Waveforms for Write and Erase Operations, CE Controlled
AIN
AIN
Addresses
OE
WE
Data
CE
VPP
RP
DIN
Valid
SRD
DIN
DIN
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VPPLK
VIL
VPPH2
VPPH1
tAVAV
tAVEH
tEHAX
tWLEL
tEHWH
tEHEL
tELEH
tEHDX
tDVEH
tVPEH
tEHQV1,2,3,4
tPHEL
High Z
VIH
VIL
WP
6.5V
VHH
tPHHEH
tQVPH
tQVVL
Write Program or
Erase Setup Command
Power-up
Standby
Valid Address & Data (Program)
or Erase Confirm Command
Automated Program
or Erase Delay
Read Status
Register Data
Write Read Array
Command
VCC
Write
AC Waveform For Read Operations
Addresses
OE
CE
Data
WE
RP
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
Standby
Device and
Address Selection
Outputs Enabled
Data Valid
Standby
Addresses Stable
Valid Output
tPHQV
tAVQV
tELQX
tGLQX
tELQV
tGLQV
tOH
tGHQZ
tEHQZ
tAVAV
High Z
High Z
VIH
VIL


Similar Part No. - ACT-D1M32B-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20C AEROFLEX-ACT-D1M96S-020F20C Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20I AEROFLEX-ACT-D1M96S-020F20I Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20M AEROFLEX-ACT-D1M96S-020F20M Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20Q AEROFLEX-ACT-D1M96S-020F20Q Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results

Similar Description - ACT-D1M32B-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com