Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNC3X3125 Datasheet(PDF) 6 Page - Agere Systems

Part # DNC3X3125
Description  DNC3X3125 10/100 Mbits/s Ethernet Transceiver Macrocell
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DNC3X3125 Datasheet(HTML) 6 Page - Agere Systems

Back Button DNC3X3125 Datasheet HTML 2Page - Agere Systems DNC3X3125 Datasheet HTML 3Page - Agere Systems DNC3X3125 Datasheet HTML 4Page - Agere Systems DNC3X3125 Datasheet HTML 5Page - Agere Systems DNC3X3125 Datasheet HTML 6Page - Agere Systems DNC3X3125 Datasheet HTML 7Page - Agere Systems DNC3X3125 Datasheet HTML 8Page - Agere Systems DNC3X3125 Datasheet HTML 9Page - Agere Systems DNC3X3125 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
DNC3X3125
Advance Data Sheet
10/100 Mbits/s Ethernet Transceiver Macrocell
March 2000
4
Signal Information
Signal Descriptions
Table 1. MII/5-Bit Serial Interface Signals
Signal
Type
Name/Description
MCOL
O
Collision Detect. This signal signifies in half-duplex mode that a collision has occurred on
the network. MCOL is asserted high whenever there is transmit and receive activity on the
UTP media. MCOL is the logical AND of MTX_EN and receive activity, and is an asynchro-
nous output. When SER_SEL_PIN is high and in 10Base-T mode, MCOL indicates the
jabber timer has expired.
MCRS
O
Carrier Sense. When CRS_SEL is low, this signal is asserted high when either the
transmit or receive medium is nonidle. This signal remains asserted throughout a collision
condition. When CRS_SEL is high, MCRS is asserted on receive activity only. CRS_SEL is
set via the MII management interface or the CRS_SEL signal.
MRXCLK
O
Receive Clock. 25 MHz clock output in 100 Mbits/s mode, 2.5 MHz output in 10 Mbits/s
nibble mode, and 10 MHz in 10 Mbits/s serial mode. MRXCLK has a worst-case 35/65 duty
cycle. MRXCLK provides the timing reference for the transfer of MRX_DV, MRXD, and
MRX_ER signals.
MRXD[3:0]
O
Receive Data. 4-bit parallel data outputs that are synchronous to MRXCLK. When
MRX_ER is asserted high in 100 Mbits/s mode, an error code will be presented on
MRXD[3:0] where appropriate. The codes are as follows:
Packet errors: ERROR_CODES = 2h.
Link errors: ERROR_CODES = 3h. (Packet and link error codes will only be repeated if
registers [29.9] and [29.8] are enabled.)
Premature end errors: ERROR_CODES = 4h.
Code errors: ERROR_CODES = 5h.
When SER_SEL_PIN is active-high and 10 Mbits/s mode is selected, MRXD[0] is used for
data output and MRXD[3:1] are 3-stated.
MRX_DV
O
Receive Data Valid. When this signal is high, it indicates the DNC3X3125 is recovering
and decoding valid nibbles on MRXD[3:0], and the data is synchronous with MRXCLK.
MRX_DV is synchronous with MRXCLK. This signal is not used in serial 10 Mbits/s mode.
MRX_ER
O
Receive Error. When high, MRX_ER indicates the DNC3X3125 has detected a coding
error in the frame presently being received. MRX_ER is synchronous with MRXCLK. When
the encoder/decoder bypass (EDBT) is selected through the MII management interface,
this output serves as the MRXD[4] output.
MTXCLK
O
Transmit Clock. 25 MHz clock output in 100 Mbits/s mode, 2.5 MHz output in 10 Mbits/s
MII mode, 10 MHz output in 10 Mbits/s serial mode. MTXCLK provides timing reference for
the transfer of the MTX_EN, MTXD, and MTX_ER signals sampled on the rising edge of
MTXCLK.
MTXD[3:0]
I
Transmit Data. 4-bit parallel input synchronous with MTXCLK. When SER_SEL_PIN is
active-high and 10 Mbits/s mode is selected, only MTXD[0] is valid.
MTX_EN
I
Transmit Enable. When driven high, this signal indicates there is valid data on MTXD[3:0].
MTX_EN is synchronous with MTXCLK. When SER_SEL_PIN is active-high and
10 Mbits/s mode is selected, this signal indicates there is valid data on MTXD[0].
MTX_ER
I
Transmit Coding Error. When driven high, this signal causes the encoder to intentionally
corrupt the byte being transmitted across the MII (00100 will be transmitted). When the
encoder/decoder bypass bit is set, this input serves as the MTXD[4] input. When in
10 Mbits/s mode, this signal is ignored.


Similar Part No. - DNC3X3125

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
   DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3825 AGERE-DNC3X3825 Datasheet
465Kb / 32P
   Octal 10/100 Mbits/s Ethernet Transceiver Macrocell
More results

Similar Description - DNC3X3125

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3825 AGERE-DNC3X3825 Datasheet
465Kb / 32P
   Octal 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
   DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com