Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E2M32C-120F18Q Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-E2M32C-120F18Q
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E2M32C-120F18Q Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-E2M32C-120F18Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E2M32C-120F18Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Voltage with Respect to GND (All pins except A9) (1)
-2.0 to +7.0
V
Voltage on Pins A9, OE, RESET (2)
-2.0 to +13.5
V
Vcc Supply Voltage with Respect to Ground (1)
-2.0 to +7.0
V
Output Short Circuit Current (3)
200
mA
Notes:
1. Minimum DC voltage is -0.5V on input/output pins. During Transitions, inputs may undershoot GND to -2.0V for periods up to 20ns. Maximum DC voltage on
input/output pins is VCC + 0.5V, which may overshoot to VCC + 2.0V for periods up to 20ns.
2. Minimum DC input voltage on A9 ,OE, RESET pins is -0.5V. During Voltage transitions, A9, OE & RESET may overshoot GND to -2.0V for periods up to 20ns.
Maximum DC input voltage on A9 is +12.5V which may overshoot to 14V for periods up to 20ns.
3. No more than one output shorted to ground for no more than 1 second.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating only; functional
operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may effect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
5V Power Supply Voltage (10%)
+4.5
+5.5
V
VIH
Input High Voltage (CMOS)
0.7 x VCC
Vcc + 0.3
V
VIL
Input Low Voltage
-0.5
+0.8
V
TC
Operating Temperature (Military)
-55
+125
°C
Capacitance
(f = 1MHz, TC = 25
°C, Standard Configuration)
Symbol
Parameter
Maximum
Units
CAD
A0 – A20 Capacitance
50
pF
COE
OE Capacitance
50
pF
CCE
CE Capacitance
20
pF
CRESET
RESET Capacitance
50
pF
CWE
WE Capacitance
60
pF
CRY/BY
RY/BY Capacitance
50
pF
CI/O
I/O0 – I/O31 Capacitance
20
pF
Capacitance Guaranteed by design, but not tested.
DC Characteristics – CMOS Compatible
(TC = -55
°C to +125°C, VCC = +4.5V to + 5.5V, Unless otherwise specified)
Parameter
Sym
Conditions
Min
Max
Units
Input Load Current
IIL
VCC = VCCMax., VIN = VCC or GND
10
µA
A9 Leakage Current
ILIT
VCC = VCCMax., A9 = +12V
50
µA
Output Leakage Current
ILO
VCC = VCCMax., VIN = GND to VCC
10
µA
Vcc Active Read Current
ICC1
CE = VIL, OE = VIH
160
mA
Vcc Active Program/Erase Current (1)
ICC2
CE = VIL, OE = VIH
240
mA
Vcc Standby Current
ICC3
VCC = VCCMax., CE = RESET = VCC ± 0.3V
4
mA
Vcc Standby Current (Reset)
ICC4
VCC = VCCMax., RESET = VCC ± 0.3V
4
mA
Output Low Voltage
VOL
VCC = VCCMin., IOL = 12 mA
0.45
V
Output High Voltage
VOH1
VCC = VCCMin., IOH = -2.5 mA
0.85 x
VCC
V
VOH2
VCC = VCCMin., IOH = -100 µA
VCC -
0.4V
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
Notes:
1. Not 100% tested.


Similar Part No. - ACT-E2M32C-120F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E2M32C-120F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com