Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2525P52 Datasheet(PDF) 4 Page - Agere Systems

Part # D2525P52
Description  Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2525P52 Datasheet(HTML) 4 Page - Agere Systems

  D2525P52 Datasheet HTML 1Page - Agere Systems D2525P52 Datasheet HTML 2Page - Agere Systems D2525P52 Datasheet HTML 3Page - Agere Systems D2525P52 Datasheet HTML 4Page - Agere Systems D2525P52 Datasheet HTML 5Page - Agere Systems D2525P52 Datasheet HTML 6Page - Agere Systems D2525P52 Datasheet HTML 7Page - Agere Systems D2525P52 Datasheet HTML 8Page - Agere Systems D2525P52 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Wavelength-Selected D2525P
Data Sheet
Isolated DFB Laser Module with PMF
March 2000
4
Lucent Technologies Inc.
Characteristics
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0
°C to thermistor resistance at 50 °C.
* Custom wavelengths available.
† The
ST ferrule key is not aligned to slow axis of fiber. Connector is intended for testing purposes only.
Table 2. Electrical Characteristics (at 25
°C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Threshold Current
ITH
15
40
mA
Drive Current Above Threshold
LF = 10 mW
110
mA
Laser Forward Voltage
VLF
LF = 10 mW (CW)
1.3
1.8
V
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current
IRMON
PO = 10 mW (CW)
0.200
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
0.01
0.1
µA
Input Impedance
ZIN
25
Thermistor Current
ITC
10
100
µA
Resistance Ratio
9.1
9.6
10.1
Thermistor Resistance
RTH
TL = 25
°C
9.5
10.5
k
TEC Current
ITEC
TL = 25
°C, TC = 70 °C
1.0
A
TEC Voltage
VTEC
TL = 25
°C, TC = 70 °C
2.0
V
TEC Capacity
∆TTC = 70 °C50
°C
Table 3. Optical Characteristics (at 25
°C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PP
10.0
mW
Center Wavelength*
(See Table 4.)
λC
TL = 25
°C
CW Wavelength
1529.55
1610.06
nm
Line Width (3 dB full width)
∆λ
CW, PF = 10.0 mW
2
10
MHz
Relative Intensity Noise
RIN
CW, PF = 10.0 mW,
200 MHz < f < 10 GHz
–135
dB/Hz
Side-mode Suppression Ratio
SMSR
CW
33
dB
Optical Isolation
TC = 0
°C to 75 °C30
dB
Optical Polarization Extinction
Ratio
—0
°C to 75 °C20
dB


Similar Part No. - D2525P52

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2525 TOSHIBA-D2525 Datasheet
188Kb / 4P
   TOSHIBA TRANSTOR SILICON NPN TRIPLE DIFFUSED TYPE
More results

Similar Description - D2525P52

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Mitsubishi Electric Sem...
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Mitsubishi Electric Sem...
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com