Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNC5X3125 Datasheet(PDF) 11 Page - Agere Systems

Part # DNC5X3125
Description  Gigabit Ethernet Transceiver Macrocell
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DNC5X3125 Datasheet(HTML) 11 Page - Agere Systems

Back Button DNC5X3125 Datasheet HTML 7Page - Agere Systems DNC5X3125 Datasheet HTML 8Page - Agere Systems DNC5X3125 Datasheet HTML 9Page - Agere Systems DNC5X3125 Datasheet HTML 10Page - Agere Systems DNC5X3125 Datasheet HTML 11Page - Agere Systems DNC5X3125 Datasheet HTML 12Page - Agere Systems DNC5X3125 Datasheet HTML 13Page - Agere Systems DNC5X3125 Datasheet HTML 14Page - Agere Systems DNC5X3125 Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Lucent Technologies Inc.
Advance Data Sheet
DNC5X3125
March 2000
Gigabit Ethernet Transceiver Macrocell
Timing Characteristics
Serial Timing
Table 12. Serial Output Timing Levels
Figure 3. Serial Interface Timing
Table 13. Serial Input Interface Timing
.
Description
Minimum
Typical
Maximum
Unit
Rise Time 20%—80%
0.17
0.2
0.22
ns
Fall Time 80%—20%
0.17
0.2
0.22
ns
Common Mode
VDD/2 – 0.1
VDD/2
VDD/2 + 0.1
V
Differential Swing
0.8
1.6
V p-p
Load (See Table 16.)
50
75
Description
Minimum
Maximum
Unit
Rise Time (tR)
150
225
ps
Fall Time (tF)
150
225
ps
Differential Swing (VDIFF)
0.4
1.6
V p-p
Source Impedance
50
75
Data Eye Opening (DWIN)
320
ps
VDIFF
DWIN
tF/tR
5-8812(F)


Similar Part No. - DNC5X3125

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DNC-100-100-PPV FESTO-DNC-100-100-PPV Datasheet
93Kb / 2P
   ISO cylinder
DNC-100-100-PPV-A FESTO-DNC-100-100-PPV-A Datasheet
94Kb / 2P
   ISO cylinder
DNC-100-125-PPV FESTO-DNC-100-125-PPV Datasheet
94Kb / 2P
   ISO cylinder
DNC-100-125-PPV-A FESTO-DNC-100-125-PPV-A Datasheet
95Kb / 2P
   ISO cylinder
DNC-100-160-PPV FESTO-DNC-100-160-PPV Datasheet
94Kb / 2P
   ISO cylinder
More results

Similar Description - DNC5X3125

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com