Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPNPA16E-TR Datasheet(PDF) 9 Page - Agere Systems

Part # BPNPA16E-TR
Description  Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPNPA16E-TR Datasheet(HTML) 9 Page - Agere Systems

Back Button BPNPA16E-TR Datasheet HTML 5Page - Agere Systems BPNPA16E-TR Datasheet HTML 6Page - Agere Systems BPNPA16E-TR Datasheet HTML 7Page - Agere Systems BPNPA16E-TR Datasheet HTML 8Page - Agere Systems BPNPA16E-TR Datasheet HTML 9Page - Agere Systems BPNPA16E-TR Datasheet HTML 10Page - Agere Systems BPNPA16E-TR Datasheet HTML 11Page - Agere Systems BPNPA16E-TR Datasheet HTML 12Page - Agere Systems BPNPA16E-TR Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Lucent Technologies Inc.
9
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
ESD Failure Models
Lucent employs two models for ESD events that can
cause device damage or failure.
1.
A human-body model (HBM) that is used by most
of the industry for ESD-susceptibility testing and
protection-design evaluation. ESD voltage thresh-
olds are dependent on the critical parameters used
to define the model. A standard HBM (resistance =
1500
Ω, capacitance = 100 pF) is widely used and,
therefore, can be used for comparison purposes.
2.
A charged-device model (CDM), which many
believe is the better simulator of electronics manu-
facturing exposure.
Tables 5 and 6 illustrate the role these two models play
in the overall prevention of ESD damage. HBM ESD
testing is intended to simulate an ESD event from a
charged person. The CDM ESD testing simulates
charging and discharging events that occur in produc-
tion equipment and processes, e.g., an integrated cir-
cuit sliding down a shipping tube.
The HBM ESD threshold voltage presented here was
obtained by using these circuit parameters.
Table 5. Typical ESD Thresholds for Data
Transmission Drivers
Table 6. ESD Damage Protection
Device
HBM
Threshold
CDM
Threshold
BDG1A, BDGLA
>2500
>1000
BDP1A
>2500
>2000
BPPGA, BPNGA,
BPNPA
>3000
>2000
ESD Threat Controls
Personnel
Processes
Control
Wrist straps
ESD shoes
Antistatic flooring
Static-dissipative
materials
Air ionization
Model
Human-body model
(HBM)
Charged-device
model (CDM)
Latch-Up
Latch-up evaluation has been performed on the data transmission drivers. Latch-up testing determines if power-
supply current exceeds the specified maximum due to the application of a stress to the device under test. A device
is considered susceptible to latch-up if the power supply current exceeds the maximum level and remains at that
level after the stress is removed.
Lucent performs latch-up testing per an internal test method that is consistent with JEDEC Standard No. 17 (previ-
ously JC-40.2) “CMOS Latch-Up Standardized Test Procedure.”
Latch-up evaluation involves three separate stresses to evaluate latch-up susceptibility levels:
1. dc current stressing of input and output pins.
2. Power supply slew rate.
3. Power supply overvoltage.
Table 7. Latch-Up Test Criteria and Test Results
Based on the results in Table 6, the data transmission drivers pass the Lucent latch-up testing requirements and
are considered not susceptible to latch-up.
dc Current Stress of
I/O Pins
Power Supply
Slew Rate
Power Supply
Overvoltage
Data Transmission
Driver ICs
Minimum Criteria
≥150 mA
≤1 µs
≥1.75 × Vmax
Test Results
≥250 mA
≤100 ns
≥2.25 × Vmax


Similar Part No. - BPNPA16E-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPNPA16E AGERE-BPNPA16E Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
More results

Similar Description - BPNPA16E-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com