Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRS2B16NB-TR Datasheet(PDF) 3 Page - Agere Systems

Part # BRS2B16NB-TR
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRS2B16NB-TR Datasheet(HTML) 3 Page - Agere Systems

  BRS2B16NB-TR Datasheet HTML 1Page - Agere Systems BRS2B16NB-TR Datasheet HTML 2Page - Agere Systems BRS2B16NB-TR Datasheet HTML 3Page - Agere Systems BRS2B16NB-TR Datasheet HTML 4Page - Agere Systems BRS2B16NB-TR Datasheet HTML 5Page - Agere Systems BRS2B16NB-TR Datasheet HTML 6Page - Agere Systems BRS2B16NB-TR Datasheet HTML 7Page - Agere Systems BRS2B16NB-TR Datasheet HTML 8Page - Agere Systems BRS2B16NB-TR Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Agere Systems Inc.
3
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
Electrical Characteristics (continued)
Table 3. Voltage and Current Characteristics
For variation in minimum VOH and maximum VOL over the temperature range, see Figure 8. TA = –40 °C to +125 °C.
12-2819.a(F)
Figure 2. BRT1A Terminating Resistor Configuration
Parameter
Sym
Min
Typ
Max
Unit
Output Voltages, VCC = 4.5 V:
Low, IOL = 8.0 mA
VOL
——
0.5
V
High, IOH =
−400 µA
VOH
2.4
V
Enable Input Voltages:
Low, VCC = 5.5 V
VIL1
1. The input levels and difference voltage provide zero noise immunity and should be tested only in a static, noise-free environment.
——
0.7
V
High, VCC = 5.5 V
VIH1
2.0
V
Clamp, VCC = 4.5 V, II = –5.0 mA
VIK
——
–1.0
V
Differential Input Voltages, VIH – VIL:2
2. Outputs of unused receivers assume a logic 1 level when the inputs are left open. (It is recommended that all unused positive inputs
be tied to the positive power supply. No external series resistor is required.)
−0.80 V < VIH < 7.2 V, −1.2 V < VIL < 6.8 V
VTH1
—0.1
0.20
V
Input Offset Voltage
VOFF
0.02
0.05
V
Input Offset Voltage BRS2B
VOFF
0.1
0.15
V
Output Currents, VCC = 5.5 V:
Off-state (high Z), VO = 0.4 V
IOZL
——
–20
µA
Off-state (high Z), VO = 2.4 V
IOZH
——
20
µA
Short Circuit
IOS3
3. Test must be performed one lead at a time to prevent damage to the device.
–25
–100
mA
Enable Currents, VCC = 5.5 V:
Low, VIN = 0.4 V
IIL
–400
µA
High, VIN = 2.7 V
IIH
——
20
µA
Reverse, VIN = 5.5 V
IIH
——
100
µA
Differential Input Currents, VCC = 5.5 V:
Low, VIN = –1.2 V
IIL
——
−1.0
mA
High, VIN = 7.2 V
IIH
——
1.0
mA
Differential Input Impedance (BRR1A):
Connected Between RI and RI
RO
110
Differential Input Impedance (BRT1A)4
4. See Figure 2.
R1
—60—
R2
—90—
RI
R1
R1
R2
RI


Similar Part No. - BRS2B16NB-TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
BRS212-140 PHILIPS-BRS212-140 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
BRS212-160 PHILIPS-BRS212-160 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
BRS212-180 PHILIPS-BRS212-180 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
BRS212-200 PHILIPS-BRS212-200 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
More results

Similar Description - BRS2B16NB-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com