Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D571-20F Datasheet(PDF) 7 Page - Agere Systems

Part # D571-20F
Description  D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D571-20F Datasheet(HTML) 7 Page - Agere Systems

  D571-20F Datasheet HTML 1Page - Agere Systems D571-20F Datasheet HTML 2Page - Agere Systems D571-20F Datasheet HTML 3Page - Agere Systems D571-20F Datasheet HTML 4Page - Agere Systems D571-20F Datasheet HTML 5Page - Agere Systems D571-20F Datasheet HTML 6Page - Agere Systems D571-20F Datasheet HTML 7Page - Agere Systems D571-20F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advance Data Sheet
D571-Type Digital 1.5
µm Uncooled DFB
April 2000
FastLight Laser Module
7
Lucent Technologies Inc.
Ordering Information
* Connectors will meet
Telcordia Technologies GR-326-CORE.
Table 4. Ordering Information
Device Code
Comcode
Pfiber
Wavelength
Connector*
Operating Case
Temperature
Range (
°C)
D571-10A
108401118
1.0 mW
1550 nm
SC-PC
–40 to +85
D571-10F
108401068
1.0 mW
1550 nm
FC-PC
–40 to +85
D571-10N
108401142
1.0 mW
1550 nm
none
–40 to +85
D571-11A
108401159
1.0 mW
1550 nm
SC-PC
–10 to +70
D571-11F
108401175
1.0 mW
1550 nm
FC-PC
–10 to +70
D571-11N
108401191
1.0 mW
1550 nm
none
–10 to +70
D571-20A
108217068
2.0 mW
1550 nm
SC-PC
–40 to +85
D571-20F
108401217
2.0 mW
1550 nm
FC-PC
–40 to +85
D571-20N
108401233
2.0 mW
1550 nm
none
–40 to +85
D571-21A
108401241
2.0 mW
1550 nm
SC-PC
–10 to +70
D571-21F
108401266
2.0 mW
1550 nm
SC-PC
–10 to +70
D571-21N
108401282
2.0 mW
1550 nm
none
–10 to +70
D571C20A
108469743
2.0 mW
1510 nm
SC-PC
–40 to +85
D571C20F
108469768
2.0 mW
1510 nm
FC-PC
–40 to +85
D571C20N
108469784
2.0 mW
1510 nm
none
–40 to +85
D571C21A
108469792
2.0 mW
1510 nm
SC-PC
–10 to +70
D571C21F
108469818
2.0 mW
1510 nm
FC-PC
–10 to +70
D571C21N
108469834
2.0 mW
1510 nm
none
–10 to +70


Similar Part No. - D571-20F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D571-20F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com