Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP1628 Datasheet(PDF) 10 Page - Agere Systems

Part # DSP1628
Description  Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP1628 Datasheet(HTML) 10 Page - Agere Systems

Back Button DSP1628 Datasheet HTML 6Page - Agere Systems DSP1628 Datasheet HTML 7Page - Agere Systems DSP1628 Datasheet HTML 8Page - Agere Systems DSP1628 Datasheet HTML 9Page - Agere Systems DSP1628 Datasheet HTML 10Page - Agere Systems DSP1628 Datasheet HTML 11Page - Agere Systems DSP1628 Datasheet HTML 12Page - Agere Systems DSP1628 Datasheet HTML 13Page - Agere Systems DSP1628 Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
Preliminary Data Sheet
DSP1628 Digital Signal Processor
February 1997
8
Lucent Technologies Inc.
4 Hardware Architecture
The DSP1628 device is a 16-bit, fixed-point program-
mable digital signal processor (DSP). The DSP1628
consists of a DSP1600 core together with on-chip mem-
ory and peripherals. Added architectural features give
the DSP1628 high program efficiency for signal coding
applications.
4.1 DSP1628 Architectural Overview
Figure 4 shows a block diagram of the DSP1628. The
following modules make up the DSP1628.
DSP1600 Core
The DSP1600 core is the heart of the DSP1628 chip.
The core contains data and address arithmetic units,
and control for on-chip memory and peripherals. The
core provides support for external memory wait-states
and on-chip dual-port RAM and features vectored inter-
rupts and a trap mechanism.
Dual-Port RAM (DPRAM)
The DSP1628x16 contains 16 banks of zero wait-state
memory and the DSP1628x08 contains 8 banks of zero
wait-state memory. Each bank consists of 1K 16-bit
words and has separate address and data ports to the
instruction/coefficient and data memory spaces. A pro-
gram can reference memory from either space. The
DSP1600 core automatically performs the required mul-
tiplexing. If references to both ports of a single bank are
made simultaneously, the DSP1600 core automatically
inserts a wait-state and performs the data port access
first, followed by the instruction/coefficient port access.
A program can be downloaded from slow, off-chip mem-
ory into DPRAM, and then executed without wait-states.
DPRAM is also useful for improving convolution perfor-
mance in cases where the coefficients are adaptive.
Since DPRAM can be downloaded through the JTAG
port, full-speed remote in-circuit emulation is possible.
DPRAM can also be used for downloading self-test
code via the JTAG port.
Read-Only Memory (ROM)
The DSP1628 contains 48K 16-bit words of zero wait-
state mask-programmable ROM for program and fixed
coefficients.
External Memory Multiplexer (EMUX)
The EMUX is used to connect the DSP1628 to external
memory and I/O devices. It supports read/write opera-
tions from/to instruction/coefficient memory (X memory
space) and data memory (Y memory space). The
DSP1600 core automatically controls the EMUX. In-
structions can transparently reference external memory
from either set of internal buses. A sequencer allows a
single instruction to access both the X and the Y exter-
nal memory spaces.
Clock Synthesis
The DSP powers up with a 1X input clock (CKI/CKI2) as
the source for the processor clock. An on-chip clock
synthesizer (PLL) can also be used to generate the sys-
tem clock for the DSP, which will run at a frequency mul-
tiple of the input clock. The clock synthesizer is
deselected and powered down on reset. For low-power
operation, an internally generated slow clock can be
used to drive the DSP. If both the clock synthesizer and
the internally generated slow clock are selected, the
slow clock will drive the DSP; however, the synthesizer
will continue to run.
The clock synthesizer and other programmable clock
sources are discussed in Section 4.13. The use of these
programmable clock sources for power management is
discussed in Section 4.14.


Similar Part No. - DSP1628

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP16210 AGERE-DSP16210 Datasheet
2Mb / 173P
   DSP16210 Digital Signal Processor
DSP1627 AGERE-DSP1627 Datasheet
2Mb / 154P
   DSP1627 Digital Signal Processor
DSP1629 AGERE-DSP1629 Datasheet
1Mb / 126P
   DSP1629 Digital Signal Processor
More results

Similar Description - DSP1628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702795 PHOENIX-2702795 Datasheet
87Kb / 5P
   The terminal is used to operate standard I/O devices with serial interfaces on a bus system.
logo
Molex Electronics Ltd.
987650-9332 MOLEX-987650-9332 Datasheet
456Kb / 2P
   The Brad짰 HarshIO IP67 I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh environments
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
List of Unclassifed Man...
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
logo
PHOENIX CONTACT
2702230 PHOENIX-2702230 Datasheet
99Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
List of Unclassifed Man...
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
logo
PHOENIX CONTACT
2702635 PHOENIX-2702635 Datasheet
88Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com