Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-D1M32B-120F14Q Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-D1M32B-120F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M32B-120F14Q Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-D1M32B-120F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Voltage on Any Pin with Respect to GND (except VCC, VPP, A9 and RP) (1)
-2.0 to +7.0
V
Voltage on Pins A9 or RP with Respect to GND (except VCC, VPP, A9 and RP) (1,2)
-2.0 to +13.5
V
VPP Program Voltage with Respect to GND during Block Erase/ and Word/Byte Write (1,2)
-2.0 to +14.0
V
Vcc Supply Voltage with Respect to Ground (1)
-2.0 to +7.0
V
Output Short Circuit Current (3)
100
mA
Notes:
1. Minimum DC voltage is -0.5V on input/output pins. During Transitions, inputs may undershoot to -2.0V for periods < 20nS. Maximum DC voltage on input/output
pins is Vcc + 0.5V, which may overshoot to Vcc + 2.0V for periods < 20nS.
2. Maximum DC voltage on Vpp may overshoot to +14.0V for periods < 20nS. Maximum DC voltage on RP or A9 may overshoot to VCC + 0.5V for periods <20nS
3. Output shorted for no more than 1 second. No more than one output shorted at one time.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage. These are stress rating only. Operation beyond the "Oper-
ation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may effect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
5V Power Supply Voltage (10%)
+4.5
+5.5
V
3.3V Power Supply Voltage (±0.3V) (Consult Factory)
+3.0
+3.6
V
VIH
Input High Voltage (3.3V & 5V VCC)
+2.0
Vcc + 0.5
V
VIL
Input Low Voltage (3.3V & 5V VCC)
-0.5
+0.8
V
TA
Operating Temperature (Military)
-55
+125
°C
Capacitance
(f = 1MHz, TA = 25
°C)
Symbol
Parameter
Maximum
Units
CAD
A0 – A19 Capacitance
50
pF
COE
OE Capacitance
50
pF
CCE
CE Capacitance
20
pF
CRP
RP Capacitance
50
pF
CWE
WE Capacitance
60
pF
CWP
WP Capacitance
50
pF
CI/O
I/O0 – I/O31 Capacitance
20
pF
Capacitance Guaranteed by design, but not tested.
DC Characteristics – CMOS Compatible
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Sym
Conditions
+3.3V VCC (1)
Typical
+5.0V VCC
Standard
Units
Min
Max
Min
Max
Input Load Current
IIL
VCC = VCCMax., VIN = VCC or GND
-1
+1
-1
+1
µA
Output Leakage Current
ILO
VCC = VCCMax., VIN = VCC or GND
-10
+10
-10
+10
µA
Vcc Standby Current
ICCS
VCC = VCCMax., CE = RP = WP = VCC ± 0.2V
440
600
µA
Vcc Deep Power-Down Current
ICCD
VCC = VCCMax., VIN = VCC or GND, RP = GND ± 0.2V
32
32
µA
Vcc Read Current
ICCR
VCC = VCCMax., CE = GND, f = 10MHz (5V), 5MHz (3.3V),
IOUT = 0 mA, Inputs = GND ± 0.2V or VCC ± 0.2V
120
260
mA
Vcc Write Current
ICCW1
VPP = VPPH1 (at 5V), Word Write in Progress (x32)
120
200
mA
ICCW2
VPP = VPPH2 (at 12V), Word Write in Progress (x32)
100
180
mA
Vcc Erase Current
ICCE1
VPP = VPPH1 (at 5V),Block Erase in Progress
120
180
mA
ICCE2
VPP = VPPH2 (at 12V),Block Erase in Progress
100
160
mA
Vcc Erase Suspend Current
ICCES
CE = VIH, Block Erase Suspend
32
48
mA
VPP Standby Current
IPPS
VPP < VPPH2
60
60
µA


Similar Part No. - ACT-D1M32B-120F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20C AEROFLEX-ACT-D1M96S-020F20C Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20I AEROFLEX-ACT-D1M96S-020F20I Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20M AEROFLEX-ACT-D1M96S-020F20M Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20Q AEROFLEX-ACT-D1M96S-020F20Q Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results

Similar Description - ACT-D1M32B-120F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com