Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E128K32N-300F2M Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-E128K32N-300F2M
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32N-300F2M Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-E128K32N-300F2M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32N-300F2M Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
5
The usual procedure is to increment the least
significant address lines from A0 through A6
at each write cycle. In this manner a page of
up to 128 bytes can be loaded in to the
EEPROM in a burst mode before beginning
the relatively long interval programming
cycle.
After the
tBLC time out is completed, the
EEPROM begins an internal write cycle.
During this cycle the entire page will be
written at the same time.
The internal
programming cycle is the same regardless of
the number of bytes accessed.
SOFTWARE DATA PROTECTION
A software write protection feature may be
enabled or disabled by the user.
When
shipped by Aeroflex Microelectronics, the
ACT-E128K32 has the feature disabled.
Write access to the device is unrestricted.
To enable software write protection, the user
writes three access code bytes to three
special
internal
locations.
Once
write
protection has been enabled, each write to
the EEPROM must use the same three byte
write sequence to permit writing. The write
protection feature can be disabled by a six
byte write sequence of specific data to
specific locations. Power transitions will not
reset the software write protection.
Each 128K byte block of the EEPROM has
independent write protection. One or more
blocks may be enabled and the rest disabled
in any combination.
The software write
protection guards against inadvertent writes
during power transitions, or unauthorized
modification using a PROM programmer.
HARDWARE DATA PROTECTION
These features protect against inadvertent
writes to the ACT-E128K32. These are
included to improve reliability during normal
operation:
A) Vcc Sense
While below 3.8V typical write cycles
are inhibited.
B) Write inhibiting
Holding OE low and either CE or WE
high inhibits write cycles.
C) Noise filter
Pulses of <10ns (TYP) on WE or CE
will not initiate a write cycle.


Similar Part No. - ACT-E128K32N-300F2M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32N-300F2M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com