Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2526G46 Datasheet(PDF) 11 Page - Agere Systems

Part # D2526G46
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2526G46 Datasheet(HTML) 11 Page - Agere Systems

Back Button D2526G46 Datasheet HTML 4Page - Agere Systems D2526G46 Datasheet HTML 5Page - Agere Systems D2526G46 Datasheet HTML 6Page - Agere Systems D2526G46 Datasheet HTML 7Page - Agere Systems D2526G46 Datasheet HTML 8Page - Agere Systems D2526G46 Datasheet HTML 9Page - Agere Systems D2526G46 Datasheet HTML 10Page - Agere Systems D2526G46 Datasheet HTML 11Page - Agere Systems D2526G46 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet, Rev. 3
D2570, D2526G, D2555 Wavelength-Selected
July 2001
Direct Modulated Isolated DFB Laser Module
Agere Systems Inc.
11
Laser Safety Information
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. The device has been classified with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8.3
µm/125 µm single-mode fiber pigtail with 900 µm tight buffer jacket and connector
Wavelength = 1.5 µm
Maximum power = 40 mW
Because of size constraints, laser safety labeling (including an FDA Class IIIb label) is not affixed to the module but
attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
D2570H875
187.5
1598.89
108487752
D2570H868
186.8
1604.88
108578634
D2570H874
187.4
1599.75
108487745
D2570H867
186.7
1605.74
108578618
D2570H873
187.3
1600.60
108487737
D2570H866
186.6
1606.60
108578469
D2570H872
187.2
1601.45
108487729
D2570H865
186.5
1607.47
108578428
D2570H871
187.1
1602.31
108487711
D2570H864
186.4
1608.33
108578410
D2570H870
187.0
1603.17
108578659
D2570H863
186.3
1609.19
108578402
D2570H869
186.9
1604.33
108578642
D2570H862
186.2
1610.06
108578394
Table 12. Ordering Information D2570H
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class IIIb Laser Product FDA/CDRH, 21 CFR 1040
Max. Output: 40 mW Wavelength: 1.5
µm
Ordering Information (continued)
(
ST Ferrule) (continued)


Similar Part No. - D2526G46

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2526-6002 3M-D2526-6002 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - D2526G46

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com