Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPPGA16E-TR Datasheet(PDF) 6 Page - Agere Systems

Part # BPPGA16E-TR
Description  Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPPGA16E-TR Datasheet(HTML) 6 Page - Agere Systems

Back Button BPPGA16E-TR Datasheet HTML 2Page - Agere Systems BPPGA16E-TR Datasheet HTML 3Page - Agere Systems BPPGA16E-TR Datasheet HTML 4Page - Agere Systems BPPGA16E-TR Datasheet HTML 5Page - Agere Systems BPPGA16E-TR Datasheet HTML 6Page - Agere Systems BPPGA16E-TR Datasheet HTML 7Page - Agere Systems BPPGA16E-TR Datasheet HTML 8Page - Agere Systems BPPGA16E-TR Datasheet HTML 9Page - Agere Systems BPPGA16E-TR Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Lucent Technologies Inc.
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Timing Characteristics (continued)
12-2677F
Figure 2. Driver Propagation-Delay Timing
12-2268.dC
* E2 = 1 while E1 changes state.
† E1 = 0 while E2 changes state.
Note: In the third state, both outputs (i.e., OUTPUT and OUTPUT) are 0.2 V below the low state.
Figure 3. Driver Enable and Disable Timing for a High Input
INPUT
TRANSITION
OUTPUTS
OUTPUT
OUTPUT
OUTPUT
ttLH
tPHL
ttHL
tPLH
tPHH
tPLL
tP2
tP1
20%
80%
20%
80%
2.4 V
1.5 V
0.4 V
VOH
VOL
VOH
(VOH + VOL)/2
VOL
VOH
(VOH + VOL)/2
VOL
VOH
VOL
E1*
OUTPUT
OUTPUT
tPHZ
tPZH
tPLZ
tPZL
3.0 V
1.3 V
0.0 V
VOH
VOL + 0.2 V
VOL
VOL – 0.1 V
VOL
VOL – 0.1 V
E2
3.0 V
1.3 V
0.0 V


Similar Part No. - BPPGA16E-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPPGA16E AGERE-BPPGA16E Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
More results

Similar Description - BPPGA16E-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com