Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03-09-1022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-1022
Description  2.36mm Diameter Standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

03-09-1022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-1022 Datasheet HTML 1Page - Molex Electronics Ltd. 03-09-1022 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/19/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1022
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits,
without Mounting Ears, with Ramps
Documents:
3D Model
Product Specification PS-42477 (PDF)
Drawing (PDF)
Product Specification PS-43660-9999 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1545
Application
Power, Wire-to-Wire
Comments
Glow Wire Equivalent Part Number 50361685. Polarized
to Mating Part, 17.0A max. can be achieved when
housing is used with 42477 or 42478 terminals
Overview
Standard .093"
Product Name
Standard .093"
Physical
Breakaway
No
Circuits (maximum)
2
Circuits Detail
1x2
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
6.30mm
Pitch - Termination Interface
6.30mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
14A
Material Info
Old Part Number
1545-R1
UPC
800753615045
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-42477, PS-43660-9999
Sales Drawing
SD-1545-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1545Series
Mates With
1625 Plug
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973 Male


Similar Part No. - 03-09-1022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-1022 MOLEX1-03-09-1022 Datasheet
215Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, Without Mounting Ears, WIth Ramps
03-09-1022 MOLEX1-03-09-1022 Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
03-09-1022 MOLEX11-03-09-1022 Datasheet
45Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits, without Mounting Ears, with Ramps
03-09-1022-P MOLEX11-03-09-1022-P Datasheet
173Kb / 2P
   .093 DIA HOUSING PLUG & RECEPTACLE 2 CKT., .248/(6.30) CTR.
More results

Similar Description - 03-09-1022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-1027 MOLEX1-03-09-1027 Datasheet
43Kb / 2P
   2.36mm Diameter Standard
03-09-2032 MOLEX1-03-09-2032 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1011 MOLEX1-03-09-1011 Datasheet
39Kb / 1P
   2.36mm Diameter Standard
03-09-2092 MOLEX1-03-09-2092 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2049 MOLEX1-03-09-2049 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1122 MOLEX1-03-09-1122 Datasheet
42Kb / 1P
   2.36mm Diameter Standard
03-09-2022 MOLEX1-03-09-2022 Datasheet
45Kb / 2P
   2.36mm Diameter Standard
03-09-2159 MOLEX1-03-09-2159 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2121 MOLEX1-03-09-2121 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2122 MOLEX1-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2151 MOLEX1-03-09-2151 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com