Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTL7581AAE Datasheet(PDF) 9 Page - Agere Systems

Part # ATTL7581AAE
Description  Ringing Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7581AAE Datasheet(HTML) 9 Page - Agere Systems

Back Button ATTL7581AAE Datasheet HTML 5Page - Agere Systems ATTL7581AAE Datasheet HTML 6Page - Agere Systems ATTL7581AAE Datasheet HTML 7Page - Agere Systems ATTL7581AAE Datasheet HTML 8Page - Agere Systems ATTL7581AAE Datasheet HTML 9Page - Agere Systems ATTL7581AAE Datasheet HTML 10Page - Agere Systems ATTL7581AAE Datasheet HTML 11Page - Agere Systems ATTL7581AAE Datasheet HTML 12Page - Agere Systems ATTL7581AAE Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Lucent Technologies Inc.
9
Data Sheet
November 1999
L7581 Ringing Access Switch
Protection (continued)
Integrated SLIC Protection (continued)
During a power cross event, the current that is passed
through the break switches and presented to the inte-
grated protection circuit and subsequent circuitry is lim-
ited by the dc current-limit response of the break
switches (assuming idle/talk state). The dc current limit
is specified over temperature between 100 mA and
250 mA.
Note that the current-limit circuitry has a negative tem-
perature coefficient. Thus, if the device is subjected to
an extended power cross, the value of current seen at
TBAT/RBAT will decrease as the device heats due to the
fault current. If sufficient heating occurs, the tempera-
ture shutdown mechanism will activate and the device
will enter an all off mode.
Temperature Shutdown Mechanism
When the device temperature reaches a minimum of
110 °C, the thermal shutdown mechanism will activate
and force the device into an all OFF state, regardless of
the logic input pins. Pin TSD, when used as an output,
will read 0 V when the device is in the thermal shut-
down mode and +VDD during normal operation.
During a lightning event, due to the relatively short
duration, the thermal shutdown will not typically acti-
vate.
During an extended power cross, the device tempera-
ture will rise and cause the device to enter the thermal
shutdown mode. This forces an all off mode, and the
current seen at TBAT/RBAT drops to zero. Once in the
thermal shutdown mode, the device will cool and exit
the thermal shutdown mode, thus reentering the state it
was in prior to thermal shutdown. Current, limited to the
dc current-limit value, will again begin to flow and
device heating will begin again. This cycle of entering
and exiting thermal shutdown will last as long as the
power cross fault is present. The frequency of entering
and exiting thermal shutdown will depend on the mag-
nitude of the power cross.
If the magnitude of the power cross is great enough,
the external secondary protector may trigger shunting
all current to ground.
In the L7581, the thermal shutdown mechanism
cannot be disabled by logic control at the TSD pin.
The functionality of TSD differs from the L7541, L7582,
and L7583. For the proper use of and understanding of
any caveats related to TSD, please refer to the appropri-
ate data sheet specifications.
Electrical specifications relating to the overvoltage
clamping circuit are outlined in Table 11.
External Secondary Protector
With the above integrated protection features, only one
overvoltage secondary protection device on the loop
side of the L7581 is required. The purpose of this
device is to limit fault voltages seen by the L7581 so as
not to exceed the breakdown voltage or input-output
isolation rating of the device. To minimize stress on the
L7581, use of a foldback- or crowbar-type device is rec-
ommended. A detailed explanation and design equa-
tions on the choice of the external secondary
protection device are given in the
An Introduction to
L758X Series of Line Card Access Switches Applica-
tion Note. Basic design equations governing the choice
of external secondary protector are given below:
s
|VBATmax| + |Vbreakovermax| < |Vbreakdownmin(break)|
s
|Vringingpeakmax| + |VBATmax| + |Vbreakovermax| <
|Vbreakdownmin(ring)|
s
|Vringingpeakmax| + |VBATmax| < |Vbreakovermin|
where:
VBATmax—Maximum magnitude of battery voltage.
Vbreakovermax—Maximum magnitude breakover voltage
of external secondary protector.
Vbreakovermin—Minimum magnitude breakover voltage
of external secondary protector.
Vbreakdownmin(break)—Minimum magnitude breakdown
voltage of L7581 break switch.
Vbreakdownmin(ring)—Minimum magnitude breakdown
voltage of L7581 ring access switch.
Vringingpeakmax—Maximum magnitude peak voltage of
ringing signal.
Series current-limiting fused resistors or PTCs should
be chosen so as not to exceed the current rating of the
external secondary protector. Refer to the manufac-
turer’s data sheet for specifications.


Similar Part No. - ATTL7581AAE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7581AAE ETC1-ATTL7581AAE Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7581AAE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com