Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTL7554BP-TR Datasheet(PDF) 11 Page - Agere Systems

Part # ATTL7554BP-TR
Description  L7554 Low-Power SLIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7554BP-TR Datasheet(HTML) 11 Page - Agere Systems

Back Button ATTL7554BP-TR Datasheet HTML 7Page - Agere Systems ATTL7554BP-TR Datasheet HTML 8Page - Agere Systems ATTL7554BP-TR Datasheet HTML 9Page - Agere Systems ATTL7554BP-TR Datasheet HTML 10Page - Agere Systems ATTL7554BP-TR Datasheet HTML 11Page - Agere Systems ATTL7554BP-TR Datasheet HTML 12Page - Agere Systems ATTL7554BP-TR Datasheet HTML 13Page - Agere Systems ATTL7554BP-TR Datasheet HTML 14Page - Agere Systems ATTL7554BP-TR Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
March 1997
Lucent Technologies Inc.
11
L7554 Low-Power SLIC
Electrical Characteristics (continued)
Table 9. Logic Inputs and Outputs
All outputs except RGDET are open-collector with internal pull-up resistor. RGDET is open-collector without inter-
nal pull-up.
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltages
Low Level (permissible range)
High Level (permissible range)
VIL
VIH
–0.5
2.0
0.4
2.4
0.7
VCC
V
V
Input Currents
Low Level (VCC = 5.25 V, VI = 0.4 V)
High Level (VCC = 5.25 V, VI = 2.4 V)
IIL
IIH
–115
–60
–200
–100
µA
µA
Output Voltages (open-collector with internal pull-up
resistor)
Low Level (VCC = 4.75 V, IOL = 360
µA)
High Level (VCC = 4.75 V, IOH = –20
µA)
VOL
VOH
0
2.4
0.2
0.4
VCC
V
V
Ring Trip Requirements
s
Ringing signal:
— Voltage, minimum 35 Vrms, maximum 100 Vrms.
— Frequency, 17 Hz to 23 Hz.
— Crest factor, 1.4 to 2.
s
Ringing trip:
≤100 ms (typical), ≤250 ms (VBAT = –33 V, loop
length = 530
Ω).
s
Pretrip:
— The circuits in Figure 3 will not cause ringing trip.
12-2572 (C)
Figure 3. Ring Trip Circuits
RING
RING
RING
100
10 k
6 µF
TIP
TIP
TIP
2 µF
200
SWITCH CLOSES < 12 ms


Similar Part No. - ATTL7554BP-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7554AP ETC1-ATTL7554AP Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7554BP-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com