Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTL7554BP-TR Datasheet(PDF) 5 Page - Agere Systems

Part # ATTL7554BP-TR
Description  L7554 Low-Power SLIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7554BP-TR Datasheet(HTML) 5 Page - Agere Systems

  ATTL7554BP-TR Datasheet HTML 1Page - Agere Systems ATTL7554BP-TR Datasheet HTML 2Page - Agere Systems ATTL7554BP-TR Datasheet HTML 3Page - Agere Systems ATTL7554BP-TR Datasheet HTML 4Page - Agere Systems ATTL7554BP-TR Datasheet HTML 5Page - Agere Systems ATTL7554BP-TR Datasheet HTML 6Page - Agere Systems ATTL7554BP-TR Datasheet HTML 7Page - Agere Systems ATTL7554BP-TR Datasheet HTML 8Page - Agere Systems ATTL7554BP-TR Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Lucent Technologies Inc.
5
Data Sheet
March 1997
L7554 Low-Power SLIC
Pin Information (continued)
Table 1. Pin Descriptions (continued)
Pin
Symbol Type
Description
20
VITR
O
Transmit ac Output Voltage. This output is a voltage that is directly proportional to the
differential ac Tip/Ring current.
21
ICM
I
Common-Mode Current Sense. To program ring ground sense threshold, connect a
resistor to VCC and connect a capacitor to AGND to filter 50/60 Hz. If unused, the pin can
be left unconnected.
22
RGDET
O
Ring Ground Detect. When high, this open-collector output indicates the presence of a
ring ground. To use, connect a 100 k
Ω resistor to VCC.
23
B0
I
State Control Input. B0, B1, and B2 determine the state of the SLIC. See Table 2.
24
AGND
Analog Signal Ground.
25
AGND
Analog Signal Ground.
26
DCR
I
dc Resistance for Low Loop Currents. Leave open for dc feed resistance of 118
Ω, or
short to DCOUT for 618
Ω. Intermediate values can be set by a simple resistor divider
from DCOUT to ground with the tap at DCR.
27
BGND
Battery Ground. Ground return for the battery supply.
29
VTX
O
This output is a voltage that is directly proportional to the differential Tip/Ring current.
30
PT
I/O
Protected Tip. The output of the tip driver amplifier and input to loop sensing. Connect to
loop through overvoltage protection.
31
RTSN
I
Ring Trip Sense Negative. Connect this pin to the ringing generator signal through a
high-value resistor.
32
RTSP
I
Ring Trip Sense Positive. Connect this pin to the ring relay and the ringer series resistor
through a high-value resistor.
33
NRDET
O
Ring Trip Detector Output. When low, this logic output indicates that ringing is tripped.
34
NLC
O
Loop Detector Output. When low, this logic output indicates an off-hook condition.
35
B2
I
State Control Input. B0, B1, and B2 determine the state of the SLIC. See Table 2.
36
B1
I/O
State Control Input. B0, B1, and B2 determine the state of the SLIC. See Table 2.
37
XMT
O
Transmit ac Output Voltage. The output of the uncommitted operational amplifier.
38
SN
I
Summing Node. The inverting input of the uncommitted operational amplifier. A resistor
or network to XMT sets the gain.
39
FB1
I
Forward Battery Slowdown. A 0.1
µF capacitor from FB1 to AGND and from FB2 to
AGND will ramp the polarity reversal transition for added flexibility in applications requiring
quiet polarity reversal. If not needed, the pin can be left open.
40
FB2
I
Forward Battery Slowdown. A 0.1
µF capacitor from FB2 to AGND and from FB1 to
AGND will ramp the polarity reversal transition for added flexibility in applications requiring
quiet polarity reversal. If not needed, the pin can be left open.


Similar Part No. - ATTL7554BP-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7554AP ETC1-ATTL7554AP Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7554BP-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com