Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTL7581AC Datasheet(PDF) 3 Page - Agere Systems

Part # ATTL7581AC
Description  Ringing Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7581AC Datasheet(HTML) 3 Page - Agere Systems

  ATTL7581AC Datasheet HTML 1Page - Agere Systems ATTL7581AC Datasheet HTML 2Page - Agere Systems ATTL7581AC Datasheet HTML 3Page - Agere Systems ATTL7581AC Datasheet HTML 4Page - Agere Systems ATTL7581AC Datasheet HTML 5Page - Agere Systems ATTL7581AC Datasheet HTML 6Page - Agere Systems ATTL7581AC Datasheet HTML 7Page - Agere Systems ATTL7581AC Datasheet HTML 8Page - Agere Systems ATTL7581AC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
November 1999
Lucent Technologies Inc.
3
L7581 Ringing Access Switch
Pin Information (continued)
Table 1. Pin Descriptions
DIP SOG
Symbol
Description
DIP SOG
Symbol
Description
11
FGND
Fault ground.
16
16
VBAT
Battery voltage. Used as a ref-
erence for protection circuit.
2
4
NC
No connection.
15
13
NC
No connection.
32
TBAT
Connect to TIP on SLIC side.
14
15
RBAT
Connect to RING on SLIC side.
43
TLINE
Connect to TIP on line side.
13
14
RLINE
Connect to RING on line side.
56
TRINGING
Connect to return ground for
ringing generator.
12
12
RRINGING
Connect to ringing generator.
67
VDD
5 V supply.
11
11
LATCH
Data latch control, active-high,
transparent low.
7
5
NC
No connection.
10
10
INPUT
Logic level input switch control.
88
TSD
Temperature shutdown pin. Can
be used as a logic level input or
output. See Table 12, Truth
Table, and the Switching Behav-
ior section of this data sheet for
input pin description. As an out-
put, will read 5 V when device is
in its operational mode and 0 V
in the thermal shutdown mode.
In the L7581, the thermal shut-
down mechanism cannot be dis-
abled.
99
DGND
Digital ground.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings
can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in
excess of those given in the operational sections of the
data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings Parameters
Handling Precautions
Although protection circuitry has been designed into
this device, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during
handling and mounting. Lucent Technologies Micro-
electronics Group employs a human-body model
(HBM) and a charged-device model (CDM) for ESD-
susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the circuit
parameters used to define the model. No industry-wide
standard has been adopted for CDM. However, a stan-
dard HBM (resistance = 1500
Ω, capacitance = 100 pF)
is widely used and therefore can be used for compari-
son purposes. The HBM ESD threshold presented
here was obtained by using these circuit parameters.
Table 3. HBM ESD Threshold Voltage
Parameter
Min
Max
Unit
Operating Temperature Range
–40
110
°C
Storage Temperature Range
–40
150
°C
Relative Humidity Range
5
95
%
Pin Soldering Temperature
10
°C
5 V Power Supply
7
V
Battery Supply
–85
V
Logic Input Voltage
7
V
Input-to-output Isolation
330
V
Pole-to-pole Isolation
330
V
Device
Rating
L7581
1000 V


Similar Part No. - ATTL7581AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7581AC ETC1-ATTL7581AC Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7581AC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com