Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1103000-3 Datasheet(PDF) 95 Page - Tyco Electronics

Part # 2-1103000-3
Description  Industrie-Steckverbinder Heavy Duty Connectors
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1103000-3 Datasheet(HTML) 95 Page - Tyco Electronics

Back Button 2-1103000-3 Datasheet HTML 91Page - Tyco Electronics 2-1103000-3 Datasheet HTML 92Page - Tyco Electronics 2-1103000-3 Datasheet HTML 93Page - Tyco Electronics 2-1103000-3 Datasheet HTML 94Page - Tyco Electronics 2-1103000-3 Datasheet HTML 95Page - Tyco Electronics 2-1103000-3 Datasheet HTML 96Page - Tyco Electronics 2-1103000-3 Datasheet HTML 97Page - Tyco Electronics 2-1103000-3 Datasheet HTML 98Page - Tyco Electronics 2-1103000-3 Datasheet HTML 99Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
93
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.10.AG-LB
HB-K.10.AG-LB
HB.10.AGD-LB
HB-K.10.AGD-LB
HB.1O.SG-LB.1.16.Z
HB.1O.SG-LB.2.16.Z
HB.10.SG-LB.2.M25.Z
HB-K.10.SG-LB.1.16.Z
HB-K.10.SG-LB.2.M25.Z
HD.24.SG-LB.1.21.Z
HD.24.SG-LB.2.21.Z
HD.24.SG-LB.1.29.Z
HD.24.SG-LB.2.29.Z
HD.24.SG-LB.2.M32.Z
HD-K.24.SG-LB.2.M32.Z
1-1102271-2
2-1102271-2
1-1102283-2
2-1102283-2
1-1102274-2
1-1102276-2
0-1106429-3
2-1102274-2
0-1106429-7
1-1102507-2
1-1102509-2
1-1102511-2
1-1102513-2
0-1106433-3
0-1106433-7
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
2x16
16
21
2x21
29
2x29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
2xM25
2xM25
2xM32
2xM32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
65
M4
83
1-1102271-2
4.5
2-1102271-2
35
93
83
43.5
32
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
25
93
83
ø4.5
43.5
32
1-1102283-2
65
83
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
82
94
30
40
52
ø5.5
1-1102276-2
M/PG
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
1-1102507-2
82
ø 5.5
57
45
30
94
M/PG
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
Montageausschnitt/Panel cut-out
Montageausschnitt/Panel cut-out


Similar Part No. - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1103004-3 MACOM-2-1103004-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103005-3 MACOM-2-1103005-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103006-3 MACOM-2-1103006-3 Datasheet
33Kb / 1P
   Male insert HD.15 Stifteinsatz HD.16
2-1103007-3 MACOM-2-1103007-3 Datasheet
33Kb / 1P
   None
More results

Similar Description - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C146 AMPHENOL-C146 Datasheet
1Mb / 16P
   Heavy Duty Connectors Core Programme
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com