Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1103000-3 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 2-1103000-3
Description  Industrie-Steckverbinder Heavy Duty Connectors
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1103000-3 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 2-1103000-3 Datasheet HTML 21Page - Tyco Electronics 2-1103000-3 Datasheet HTML 22Page - Tyco Electronics 2-1103000-3 Datasheet HTML 23Page - Tyco Electronics 2-1103000-3 Datasheet HTML 24Page - Tyco Electronics 2-1103000-3 Datasheet HTML 25Page - Tyco Electronics 2-1103000-3 Datasheet HTML 26Page - Tyco Electronics 2-1103000-3 Datasheet HTML 27Page - Tyco Electronics 2-1103000-3 Datasheet HTML 28Page - Tyco Electronics 2-1103000-3 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
23
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
height in m
2000
3000
4000
5000
6000
7000
8000
9000
10000
15000
20000
normal air pressure in kPa
80,0
70,0
62,0
54,0
47,0
41,0
35,5
30,5
26,5
12,0
5,5
multiplication factor for distances
1,00
1,14
1,29
1,48
1,70
1,95
2,25
2,62
3,02
6,67
14,50
minimum clearance in air at installation heights of up to 2000 m above sea leavel (NN)
1)This voltage is
- for functional insulation:
the maximum impulse voltage expected to occur across the clearance
- for basic insulation directly exposed by transient overvoltages
- for other basic insulation
_) Preferred values
0,33 _)
0,40
0,5 _)
0,60
0,80 _)
1,0
1,2
1,5 _)
2,0
2,5 _)
3,0
4,0 _)
5,0
6,0 _)
8,0 _)
10
12 _)
15
20
25
30
40
50
60
80
100
"rated surge
voltage [kV]"
case A
inhomogenous field)
degree of pollution
case B
homogenous field)
degree of pollution
1
(mm)
2
(mm)
3
(mm)
4
(mm)
1
(mm)
2
(mm)
3
(mm)
4
(mm)
0,01
0,02
0,04
0,06
0,10
0,15
0,25
0,5
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
_)
0,2
0,25
0,5
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
0,80
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
1,6
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
0,01
0,02
0,04
0,06
0,10
0,15
0,2
0,3
0,45
0,6
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
_)
0,2
0,3
0,5
0,6
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
1,6
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
Factors for Height Correction


Similar Part No. - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1103004-3 MACOM-2-1103004-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103005-3 MACOM-2-1103005-3 Datasheet
35Kb / 1P
   Male insert HD.15 Stifteinsatz HD.15
2-1103006-3 MACOM-2-1103006-3 Datasheet
33Kb / 1P
   Male insert HD.15 Stifteinsatz HD.16
2-1103007-3 MACOM-2-1103007-3 Datasheet
33Kb / 1P
   None
More results

Similar Description - 2-1103000-3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C146 AMPHENOL-C146 Datasheet
1Mb / 16P
   Heavy Duty Connectors Core Programme
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com