Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTL7591AS-TR Datasheet(PDF) 5 Page - Agere Systems

Part # ATTL7591AS-TR
Description  Subscriber Line Interface Circuit Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7591AS-TR Datasheet(HTML) 5 Page - Agere Systems

  ATTL7591AS-TR Datasheet HTML 1Page - Agere Systems ATTL7591AS-TR Datasheet HTML 2Page - Agere Systems ATTL7591AS-TR Datasheet HTML 3Page - Agere Systems ATTL7591AS-TR Datasheet HTML 4Page - Agere Systems ATTL7591AS-TR Datasheet HTML 5Page - Agere Systems ATTL7591AS-TR Datasheet HTML 6Page - Agere Systems ATTL7591AS-TR Datasheet HTML 7Page - Agere Systems ATTL7591AS-TR Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lucent Technologies Inc.
5
Data Sheet
October 1997
L7591 Subscriber Line Interface Circuit Protector
Applications
12-1632 (C)
RPT and RPR must be properly selected for proper operation and/or response.
Figure 4. Standard Configuration
12-1596 (C)
Figure 5. Test Circuit
12-1598 (C)
*An example device is Lucent Technologies Microelectronics Group’s LB1276 High Balance SLIC.
Figure 6. Fully Protected Electronic TIP-RING Interface (Not all devices needed in all applications)
1
2
3
4
8
7
6
5
TRIP
CIRCUIT
TRIP
CIRCUIT
–VS
PROTECTED
TIP
PROTECTED
RING
TIP
RING
RPT
RPR
1
2
3
4
8
7
6
5
TRIP
CIRCUIT
TRIP
CIRCUIT
IP
IP
–48 V
VMEAS
VMEAS
BATTERY
FEED*
1
6
7
4
8
2
5
VS
(–20 V TO –80 V)
PTC
CARBON
BLOCK
CARBON
BLOCK
TIP
RING
PTC
RELAYS
L7591AB
SLIC
PROTECTOR


Similar Part No. - ATTL7591AS-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7591AS ETC1-ATTL7591AS Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7591AS-TR

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com