Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL8560AAU-DT Datasheet(PDF) 8 Page - Agere Systems

Part # LUCL8560AAU-DT
Description  Low-Power SLIC with Ringing
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL8560AAU-DT Datasheet(HTML) 8 Page - Agere Systems

Back Button LUCL8560AAU-DT Datasheet HTML 4Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 5Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 6Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 7Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 8Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 9Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 10Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 11Page - Agere Systems LUCL8560AAU-DT Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Data Sheet
April 2000
L8560 Low-Power SLIC with Ringing
8
Lucent Technologies Inc.
Pin Information (continued)
Table 2. Pin Descriptions (continued)
32-Pin 44-Pin
Symbol
Type
Description
24
NC
No Connection. May be used as a tie point.
26
25
B2
I
State Control Input. B0, B1, B2, and BR determine the state of the SLIC.
See Table 3. Pin B2 has a 40 k
Ω pull-up.
27
26
B1
I
State Control Input. B0, B1, B2, and BR determine the state of the SLIC.
See Table 3. Pin B1 has a 40 k
Ω pull-up.
28
27
B0
I
State Control Input. B0, B1, B2, and BR determine the state of the SLIC.
See Table 3. Pin B0 has a 40 k
Ω pull-up.
29
28
BR
I
State Control Input. B0, B1, B2, and BR determine the state of the SLIC.
See Table 3. Pin BR has a 40 k
Ω pull-up.
29
NC
No Connection. May be used as a tie point.
30
NC-NTP
No Connection. May not be used as a tie point.
31
NC
No Connection. May be used as a tie point.
30
32
TG
Transmit Gain. Connect a 4.32 k
Ω resistor from this pin to VTX.
31
33
VTX
O
The voltage at this pin is directly proportional to the differential tip/ring current.
32
34
TXI
ac/dc Separation. Connect a 0.1
µF capacitor from this pin to VTX.
1
35
NSTAT
O
Loop Detector Output/Ring Trip Detector Output. This output is a wired-
OR of the NLC/NRDET outputs. When low, this logic output indicates that an
off-hook condition exists or that ringing has been tripped.
2
VEE
–5 V Power Supply L8560C.
2
NC
No Connection L8560A/D/F. May be used as a tie point.
36
NC
No Connection. May be used as a tie point.
3
37
VITR
O
ac Output Voltage. This output is a voltage that is directly proportional to the
differential ac tip/ring current.
4
38
RCVP
I
Receive ac Signal Input (Noninverting). This high-impedance input con-
trols the ac differential voltage on tip and ring.
5
39
RCVN
I
Receive ac Signal Input (Inverting). This high-impedance input controls the
ac differential voltage on tip and ring.
40
NC
No Connection. May be used as a tie point.
6
41
FB2
Polarity Reversal Slowdown. Connect a capacitor to ground.
7
42
FB1
Polarity Reversal Slowdown. Connect a capacitor to ground.
8
43
LCTH
I
Loop Closure Threshold Input. Connect a resistor to DCOUT to set off-
hook threshold.
44
DCR
I
dc Resistance. Short to analog ground for dc feed resistance of 55
Ω. The dc
feed resistance can be increased to a nominal 760
Ω by shorting DCR to
DCOUT. Intermediate values can be set by a simple resistor divider from
DCOUT to ground with the trip at DCR (44-pin PLCC only).


Similar Part No. - LUCL8560AAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL8567AAU-D AGERE-LUCL8567AAU-D Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AAU-DT AGERE-LUCL8567AAU-DT Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AP-D AGERE-LUCL8567AP-D Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
LUCL8567AP-DT AGERE-LUCL8567AP-DT Datasheet
701Kb / 42P
   SLIC for Peoples Republic of China Applications
More results

Similar Description - LUCL8560AAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com