Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL8575BP Datasheet(PDF) 8 Page - Agere Systems

Part # LUCL8575BP
Description  Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL8575BP Datasheet(HTML) 8 Page - Agere Systems

Back Button LUCL8575BP Datasheet HTML 4Page - Agere Systems LUCL8575BP Datasheet HTML 5Page - Agere Systems LUCL8575BP Datasheet HTML 6Page - Agere Systems LUCL8575BP Datasheet HTML 7Page - Agere Systems LUCL8575BP Datasheet HTML 8Page - Agere Systems LUCL8575BP Datasheet HTML 9Page - Agere Systems LUCL8575BP Datasheet HTML 10Page - Agere Systems LUCL8575BP Datasheet HTML 11Page - Agere Systems LUCL8575BP Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
L8575
Advance Data Sheet
Dual-Resistive, Low-Cost SLIC
March 1997
8
Lucent Technologies Inc.
Absolute Maximum Ratings (@ TA = 25
°C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Notes:
Analog and battery voltages are referenced to AGND; digital (logic) voltages are referenced to DGND.
The IC can be damaged unless all ground connections are applied before, and removed after, all other connections. Furthermore, when power-
ing the device, the user must guarantee that no external potential creates a voltage on any pin of the device that exceeds the device ratings.
Some of the known examples of conditions that cause such potentials during powering are (1) an inductor connected to Tip and Ring that can
force an overvoltage on VBAT through external components if the VBAT connection chatters, and (2) inductance in the VBAT lead that could reso-
nate with the VBAT filter capacitor to cause a destructive overvoltage.
Parameter
Symbol
Min
Value
Max
Unit
5 V Analog dc Supply
VDDA
–0.5
+7.0
V
5 V Digital dc Supply
VDDD
–0.5
+7.0
V
Office Battery Supply
VBAT
–65
+0.5
V
Logic Input Voltage
–0.5
VDDD + 0.5
V
Logic Input Clamp Diode Current, per Pin
±20
mA
Logic Output Voltage
–0.5
VDDD + 0.5
V
Logic Output Current, per Pin (excluding relay drivers)
±35
mA
Maximum Junction Temperature
150
°C
Operating Temperature Range
–40
+125
°C
Storage Temperature Range
Tstg
–40
+125
°C
Relative Humidity Range
5
95
%
Ground Potential Difference (DGND to AGND)
+0.5
–0.5
V


Similar Part No. - LUCL8575BP

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL8574DP-D AGERE-LUCL8574DP-D Datasheet
489Kb / 36P
   L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
LUCL8574DP-DT AGERE-LUCL8574DP-DT Datasheet
489Kb / 36P
   L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
LUCL8576BP-D AGERE-LUCL8576BP-D Datasheet
583Kb / 26P
   Dual Ringing SLIC
LUCL8576BP-DT AGERE-LUCL8576BP-DT Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results

Similar Description - LUCL8575BP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com