Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E128K32C-300P7M Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-E128K32C-300P7M
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32C-300P7M Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-E128K32C-300P7M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32C-300P7M Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
3
AC Write Characteristics
(VCC = 5V, VSS = 0V, TC = -55°C to +125°C)
Parameter
Symbol
Min
Max
Units
Write Cycle Time
tWC
10
ms
Address Set-up Time
tAS
10
ns
Write Pulse Width (WE or CE)
tWP
150
ns
Chip Enable Set-up Time
tCE
0ns
Address Hold Time
tAH
100
ns
Data Hold Time
tDH
10
ns
Chip Enable Hold Time
tCEH
0ns
Data Set-up Time
tDS
100
ns
Output Enable Set-up Time
tOES
10
ns
Output Enable Hold Time
tOEH
10
ns
AC Read Characteristics
(VCC = 5V, VSS = 0V, TC = -55°C to +125°C)
Read Cycle Parameter
Symbol
–120
Min
Max
–140
Min
Max
–150
Min
Max
–200
Min
Max
–250
Min
Max
–300
Min
Max
Units
Read Cycle Time
tRC
120
140
150
200
250
300
ns
Address Access Time
tACC
120
140
150
200
250
300
ns
Chip Enable Access Time
tACE
120
140
150
200
250
300
ns
Output Hold From Address Change,
OE or CE
tOH
0
0000
0
ns
Output Enable to Output Valid
tOE
0550
55
055055
0
85085
ns
Chip Enable or OE to High Z Output
tDF
70
70
70
70
70
70
ns
Page Write Characteristics
(VCC = 5V, VSS = 0V, TC = -55°C to +125°C)
Parameter
Symbol
Minimum
Maximum
Units
Write Cycle Time
tWC
10
ms
Address Set-up Time
tAS
10
ns
Address Hold Time , See Note 1
tAH
100
ns
Data Set-up Time
tDS
100
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWP
150
ns
Byte Load Cycle Time
tBLC
150
µs
Write Pulse Width High
tWPH
50
ns
Note 1 – Page Address must remain valid for duration of write cycle.


Similar Part No. - ACT-E128K32C-300P7M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32C-300P7M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com