Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL8576BP-D Datasheet(PDF) 6 Page - Agere Systems

Part # LUCL8576BP-D
Description  Dual Ringing SLIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL8576BP-D Datasheet(HTML) 6 Page - Agere Systems

Back Button LUCL8576BP-D Datasheet HTML 2Page - Agere Systems LUCL8576BP-D Datasheet HTML 3Page - Agere Systems LUCL8576BP-D Datasheet HTML 4Page - Agere Systems LUCL8576BP-D Datasheet HTML 5Page - Agere Systems LUCL8576BP-D Datasheet HTML 6Page - Agere Systems LUCL8576BP-D Datasheet HTML 7Page - Agere Systems LUCL8576BP-D Datasheet HTML 8Page - Agere Systems LUCL8576BP-D Datasheet HTML 9Page - Agere Systems LUCL8576BP-D Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Agere Systems Inc.
Data Sheet
May 2001
L8576B Dual Ringing SLIC
Pin Information (continued)
Table 1. Pin Descriptions (continued)
* On the printed-wiring board (PWB), make the leads to BGND and VBAT as wide as possible for thermal and electrical reasons. Also, maxi-
mize the amount of PWB copper on all leads connected to this device for the lowest operating temperature.
Note: Iu and Ou indicate a pull-up device is included on this lead.
Pin,
Circuit
a
Pin,
Circuit
b
Symbol
Type
Name/Function
40
6
RNGNG
Iu
Ringing Input. Refer to Operating States section. A pull-up device is
included.
39
7
NSTAT
Ou
Loop Detector Output/Ring Trip Detector Output. When low, this lead indi-
cates an off-hook condition. When in ringing mode, a low output on this lead
indicates a ring trip. A pull-up device is included.
38
8
NDISC
Iu
Disconnect Input. Refer to Operating States section. A pull-up device is
included.
37
9
RPWR
Power Resistor. Connect a resistor between this pin and VBAT. A 2.2 k
Ω, 2 W
resistor should be used for a VBAT of –68.5 V. See the Applications section to
calculate resistor values for other VBAT potentials.
36
10
PT
I/O
Protected Tip. The input to the tip fault protection and output of tip current
drive amplifier. Connect this pin to the tip of the loop through a 30
Ω overvolt-
age protection resistor.
35
11
PR
I/O
Protected Ring. The input to the ring fault protection and output of ring cur-
rent drive amplifier. Connect this pin to the ring of the loop through a 30
overvoltage protection resistor.
34
12
VITR
O
Transmit ac Output Voltage. This output is a voltage that is directly propor-
tional to the differential tip/ring current.
33
13
TG2
Transmit Gain 2. Transmit gain and current limiting for ringing is set by the
value of RGX2. RGX2 is connected between TG2 and VITR.
32
14
TG1
Transmit Gain 1. Transmit gain is set by the series resistor combination of
RGX1 and RGX2 from this lead to TG2.
31
15
RTFLT
Ring Trip Filter. Connect this lead to RTTH via a resistor and to AGND with a
capacitor to filter the ring trip circuit to prevent spurious responses.
30
16
RTTH
Ring Trip Threshold. Connect this lead to DCOUT via a resistor to set the ring
trip threshold.
29
17
DCOUT
O
dc Voltage Out. This output is a voltage that is directly proportional to the
absolute value of the differential tip/ring current.
28
18
IPROG
I
Current-Limit Program Input. A resistor to DCOUT sets the dc current limit of
the circuit.
27
19
RCVP
I
Receive Signal Input (+). This high-impedance input controls the ac differen-
tial voltage on tip/ring.
26
20
RCVN
I
Receive Signal Input (–). This high-impedance input controls the ac differen-
tial voltage on tip/ring.
25
21
AGND
Analog Signal Ground.
24
22
VCC
Analog 5 V Power Supply.
23
23
RRNG
Ringing Slope Resistor. Connect this lead to AGND with a resistor to set the
slope of the ringing waveform. Note that this pin is shared with both sections.


Similar Part No. - LUCL8576BP-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL8574DP-D AGERE-LUCL8574DP-D Datasheet
489Kb / 36P
   L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
LUCL8574DP-DT AGERE-LUCL8574DP-DT Datasheet
489Kb / 36P
   L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
LUCL8575BP AGERE-LUCL8575BP Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
LUCL8575BP-TR AGERE-LUCL8575BP-TR Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
More results

Similar Description - LUCL8576BP-D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
logo
List of Unclassifed Man...
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com