Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9215A Datasheet(PDF) 5 Page - Agere Systems

Part # L9215A
Description  Short-Loop Sine Wave Ringing SLIC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9215A Datasheet(HTML) 5 Page - Agere Systems

  L9215A Datasheet HTML 1Page - Agere Systems L9215A Datasheet HTML 2Page - Agere Systems L9215A Datasheet HTML 3Page - Agere Systems L9215A Datasheet HTML 4Page - Agere Systems L9215A Datasheet HTML 5Page - Agere Systems L9215A Datasheet HTML 6Page - Agere Systems L9215A Datasheet HTML 7Page - Agere Systems L9215A Datasheet HTML 8Page - Agere Systems L9215A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Data Sheet
September 2001
Short-Loop Sine Wave Ringing SLIC
L9215A/G
Agere Systems Inc.
5
Description (continued)
Forward and reverse battery active modes are used for
off-hook conditions. Since this device is designed for
short-loop applications, the lower-voltage VBAT2 is
applied during the forward and reverse active states.
Battery reversal is quiet, without breaking the ac path.
Rate of battery reversal may be ramped to control
switching time.
The magnitude of the overhead voltage in the forward
and reverse active modes has a typical default value of
6.0 V, allowing for an undistorted signal of 3.14 dBm
into 900
Ω. This overhead can be increased to accom-
modate higher signal levels and/or PPM. The ring trip
detector is turned off during active modes to conserve
power.
Because on-hook transmission is not allowed in the
scan mode, an on-hook transmission mode is defined.
This mode is functionally similar to the active mode,
except the tip ring voltage is derived from the higher
VBAT1 rather than VBAT2.
In the on-hook transmission modes with a primary bat-
tery whose magnitude is greater than a nominal
51 V, the magnitude of the tip-to-ground and ring-to-
ground voltage is clamped at less than 56.5 V.
To minimize on-hook power, a low-power scan mode is
available. In this mode, all functions except off-hook
supervision are turned off to conserve power. On-hook
transmission is not allowed in the scan mode.
In the scan mode with a primary battery whose magni-
tude is greater than a nominal 51 V, the magnitude of
the tip-to-ground and ring-to-ground voltage is clamped
at less than 56.5 V.
A forward disconnect mode is provided, where all cir-
cuits are turned off and power is denied to the loop.
The device offers a ring mode, in which a power ring
signal is provided to the tip/ring pair. During the ring
mode, a user-supplied, low-voltage ring signal (ac cou-
pled) is input to the device’s RINGIN input. This signal is
amplified to produce the power ring signal. This signal
may be a sine wave or filtered square wave to produce
a sine wave on trapezoidal output. Ring trip detector
and common-mode current detector are active during
the ring mode.
This feature eliminates the need for a separate external
ring relay, associated external circuitry, and a bulk ring-
ing generator. See the Applications section of this data
sheet for more information.
PPM is injected at the PPMIN pin (ac coupled). This is a
high-impedance input that controls the PPM differential
voltage on tip and ring. The PPM signal may be
present at this pin at all times; however, PPM will only
be transmitted to tip and ring during a PPM active
mode. There are forward and reverse active, and for-
ward and reverse on-hook transmission modes with
PPM active.
No PPM shaping is done by the device. It is assumed
that a shaped PPM input is presented to PPMIN.
The maximum allowed PPM current at the 200
Ω ac
meter pulse load to avoid saturation of the device’s
internal AAC amplifier is 3 mArms. This signal level
is sufficient to provide a minimum 200 mVrms to the
200
Ω PPM load under maximum specified dc loop
conditions. Above 3 mArms PPM current, external
meter pulse rejection may be required. See the Appli-
cations section of this data sheet for more information if
on-hook transmission of PPM is required. Sufficient
overhead to accommodate on-hook transmission must
be programmed by the user at the OVH input.
Both the ring trip and loop closure supervision func-
tions are included. The loop closure has a fixed typical
10.5 mA on- to off-hook threshold in the active mode
and a fixed 11.5 mA on- to off-hook threshold from the
scan mode. In either case, there is a 2 mA hysteresis.
The ring trip detector requires only a single-pole filter at
the input, minimizing external components. The ring
trip threshold at a given battery voltage is fixed. Typical
ring trip threshold is 42.5 mA for a –75 V VBAT1.


Similar Part No. - L9215A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
More results

Similar Description - L9215A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com