Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9216AGF-D Datasheet(PDF) 7 Page - Agere Systems

Part # LUCL9216AGF-D
Description  Short-Loop Ringing SLIC with Ground Start
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9216AGF-D Datasheet(HTML) 7 Page - Agere Systems

Back Button LUCL9216AGF-D Datasheet HTML 3Page - Agere Systems LUCL9216AGF-D Datasheet HTML 4Page - Agere Systems LUCL9216AGF-D Datasheet HTML 5Page - Agere Systems LUCL9216AGF-D Datasheet HTML 6Page - Agere Systems LUCL9216AGF-D Datasheet HTML 7Page - Agere Systems LUCL9216AGF-D Datasheet HTML 8Page - Agere Systems LUCL9216AGF-D Datasheet HTML 9Page - Agere Systems LUCL9216AGF-D Datasheet HTML 10Page - Agere Systems LUCL9216AGF-D Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Preliminary Data Sheet
September 2001
Short-Loop Ringing SLIC with Ground Start
L9216A/G
Agere Systems Inc.
7
Architecture Diagram
12-3530.E (F)
Figure 1. Architecture Diagram
VREF
VITR
TXI
ITR
VTX
PT
PR
ICM
RGDET
CF2
CF1
FB2
FB1
POWER
AGND
VCC
BGND
VBAT2
VBAT1
VPROG
NSTAT
RTFLT
DCOUT
1.5 V
BAND-GAP
REFERENCE
AAC
B = 20
OUT
(ITR/306)
TIP/RING
CURRENT
SENSE
+1
ITR
ITR
RFT
18
RFR
18
VREG
–1
VREG
RINGING
27.5x
PARALLEL
DATA
INTERFACE
RINGIN
B0
B1
B2
X1
X1
RCVN
RCVP
CURRENT
LIMIT
AND
INRUSH
CONTROL
RING
LOOP
RECTIFIER
VTX
COMMON-
MODE
CURRENT
DETECTOR
TRIP
CLOSURE
VREF
+
9216A GAIN = 4
+
+
+
GAIN
AX
9216G GAIN = 1
ac INTERFACE


Similar Part No. - LUCL9216AGF-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9216AGF-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9215A AGERE-L9215A Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com