Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9216GGF-D Datasheet(PDF) 4 Page - Agere Systems

Part # LUCL9216GGF-D
Description  Short-Loop Ringing SLIC with Ground Start
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9216GGF-D Datasheet(HTML) 4 Page - Agere Systems

  LUCL9216GGF-D Datasheet HTML 1Page - Agere Systems LUCL9216GGF-D Datasheet HTML 2Page - Agere Systems LUCL9216GGF-D Datasheet HTML 3Page - Agere Systems LUCL9216GGF-D Datasheet HTML 4Page - Agere Systems LUCL9216GGF-D Datasheet HTML 5Page - Agere Systems LUCL9216GGF-D Datasheet HTML 6Page - Agere Systems LUCL9216GGF-D Datasheet HTML 7Page - Agere Systems LUCL9216GGF-D Datasheet HTML 8Page - Agere Systems LUCL9216GGF-D Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Preliminary Data Sheet
September 2001
Short-Loop Ringing SLIC with Ground Start
L9216A/G
4
Agere Systems Inc.
Features
s
Onboard balanced ringing generation:
— No ring relay
— No bulk ring generator required
— 15 Hz to 70 Hz ring frequency supported
— Sine wave input-sine wave output
— PWM input-sine wave output
— Square wave input-trapezoidal output
s
Power supplies requirements:
— VCC talk battery and ringing battery required
— No –5 V supply required
— No high-voltage positive supply required
s
Flexible Vcc options:
— 5 V or 3.3 V VCC operation
— 5 V or 3.3 V VCC interchangeable and transparent
to users
s
Battery switch via logic control:
— Minimize off-hook power dissipation
s
Minimal external components required
s
Eight operating states:
— Forward active, VBAT2 applied
— Polarity reversal active, VBAT2 applied
— On-hook transmission, VBAT1 applied
— On-hook transmission polarity reversal, VBAT1
applied
— Ground start
— Scan
— Forward disconnect
— Ring mode
s
Unlatched parallel data control interface
s
Ultralow SLIC power:
— Scan 37 mW (VCC = 5 V)
— Forward/reverse active 54 mW (VCC = 5 V)
— Scan 27 mW (VCC = 3.3 V)
— Forward/reverse active 41 mW (VCC = 3.3 V)
s
Supervision:
— Loop start, fixed threshold with hysteresis
— Ring trip, single-pole ring trip filtering, fixed thresh-
old as a function of battery voltage
— Ring current for ground start applications, user-
adjustable threshold
s
Adjustable current limit:
— 25 mA or 40 mA via ground or open to control
input
s
Overhead voltage:
— Clamped typically <51 V differentially
— Clamped maximum <56.5 V single-ended
s
Thermal shutdown protection with hysteresis
s
Longitudinal balance:
Telcordia Technologies GR-909 balance
s
ac interface:
— Two SLIC gain options to minimize external com-
ponents required for interface to first- or third-gen-
eration codecs
— Sufficient dynamic range for direct coupling to
codec output
s
28-pin PLCC/48-pin MLCC package
s
90 V CBIC-S technology
Description
The L9216 is designed to provide battery feed, ringing,
and supervision functions on short plain old telephone
service (POTS) loops. This device is designed for
ultralow power in all operating states.
The L9216 offers eight operating states. The device
assumes uses of a lower-voltage talk battery, a higher-
voltage ringing battery, and a VCC supply.
The L9216 requires only a positive VCC supply. No
–5 V supply is needed. The L9216 can operate with a
VCC of either 5 V or 3.3 V, allowing for greater user flex-
ibility. The choice of VCC voltage is transparent to the
user; the device will function with either supply voltage
connected.
Two batteries are used:
1. A high-voltage ring battery (VBAT1).
VBAT1 is a maximum –75 V. VBAT1 is used for power
ring signal amplification and for scan, on-hook
transmission, and ground start modes. This supply
is current limited to approximately the maximum
power ringing current, typically 50 mA.
2. A lower-voltage talk battery (VBAT2).
VBAT2 is used for active mode powering.


Similar Part No. - LUCL9216GGF-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9216GGF-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9215A AGERE-L9215A Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
   INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com