Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9310 Datasheet(PDF) 4 Page - Agere Systems

Part # L9310
Description  Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9310 Datasheet(HTML) 4 Page - Agere Systems

  L9310 Datasheet HTML 1Page - Agere Systems L9310 Datasheet HTML 2Page - Agere Systems L9310 Datasheet HTML 3Page - Agere Systems L9310 Datasheet HTML 4Page - Agere Systems L9310 Datasheet HTML 5Page - Agere Systems L9310 Datasheet HTML 6Page - Agere Systems L9310 Datasheet HTML 7Page - Agere Systems L9310 Datasheet HTML 8Page - Agere Systems L9310 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Data Sheet
July 2001
Full-Feature SLIC, Ringing Relay, and Test Access Device
L9310 Line Interface and Line Access Circuit
4
Agere Systems Inc.
Features
s
SLIC, solid-state ring relay, and line test access, inte-
grated into a single package
s
5 V and battery operation
s
User-defined power control options:
— Automatic battery switch
— Power control resistor
— Package thermal capabilities
s
Minimal external components required
s
Operating states:
— Forward active
— Reverse active (controlled rate of reversal)
— Scan
— Ground start (tip open)
— All-off or disconnect
— Ring
— Periodic pulse metering (PPM) active modes
— Line test modes (dc/ac line voltage/current)
s
Ultralow power:
— Scan, 15 mW
— Active states, on-hook, 75 mW
— Ring mode, on-hook, 90 mW
— Disconnect, 10 mW
s
Adjustable overhead voltage:
— Default overhead adequate for 3.14 dB into
900
Ω overload
— Controlled rate of overhead adjustment
s
Latched parallel input data interface with reset
s
Interrupt (unlatched) based loop status monitor
s
Adjustable current limiter:
— 10 mA to 70 mA programming range
s
Adjustable loop closure detector with hysteresis:
— 4 mA detect, 2.5 mA no detect minimum, upper
limit of 15 mA detect
— Hysteresis, typical 20% of programmed on-hook
to off-hook threshold
s
Ring trip detector:
— Single-pole filtering
s
Thermal shutdown protection with hysteresis
s
Line break switch will foldover into a low-current
state under high-voltage fault conditions
s
Battery out-of-range monitor circuit:
— All-off upon loss of battery (low battery condition)
— All-off upon high battery (fault condition)
s
Longitudinal balance:
— ETSI/ITU-T, GR-909 balance
s
Ground start:
— Tip open state
— Ring ground detector
s
Ground key:
— Tip/ring ground detector
s
Meter pulse compatible:
— Dedicated meter pulse signal input
— On-hook transmission of PPM (up to 5 Vrms)
— Provides convenient access for hybrid filtering of
meter pulse
s
Line test:
— Line test modes (ac or dc):
1. Voltage tip to ground
2. Voltage ring to ground
3. Voltage tip to ring
4. Current tip to ring
5. Current tip to ground
6. Current ring to ground
— Inject test tones through codec interface or dedi-
cated input pin
— Analog output at dedicated output pin
s
RFI/EMC-EN 300 386-2 V1.1.3 (1997-12)
s
Integrated 2 Form C ring relay:
— Low impulse noise
— Current-limited switches
— Break-before-make and make-before-break
switching
s
Meets ITU-T K20, ITU-T K21, and
Telcordia*
GR1089 requirements with external protection
device
s
44-pin, surface-mount plastic package (PLCC)
Description
The L9310 electronic line interface and line access cir-
cuit (LILAC) provides all the functions that are neces-
sary to interface a codec to the tip and ring of a
subscriber loop, integrating the battery feed and ringing
access relay in one low-power, low-cost package. The
physical construction of the device is two chips. The
first chip is manufactured in Agere 90 V complemen-
tary bipolar integrated circuit (CBIC-S) technology. This
chip contains the SLIC functionality:
s
ac transmission path
s
dc feedback and functions
s
Active dc current limit
s
Active mode loop supervision
s
Thermal shutdown
*
Telcordia is a trademark of Bell Communications Research, Inc.


Similar Part No. - L9310

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
More results

Similar Description - L9310

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9311 AGERE-L9311 Datasheet
852Kb / 50P
   Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com