Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9219AAR-DT Datasheet(PDF) 8 Page - Agere Systems

Part # LUCL9219AAR-DT
Description  Low-Cost Line Interface with Reverse Battery and Dual Current Limit
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9219AAR-DT Datasheet(HTML) 8 Page - Agere Systems

Back Button LUCL9219AAR-DT Datasheet HTML 4Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 5Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 6Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 7Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 8Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 9Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 10Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 11Page - Agere Systems LUCL9219AAR-DT Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
Agere Systems Inc.
Data Sheet
November 2001
with Reverse Battery and Dual Current Limit
L9219A/G Low-Cost Line Interface
Electrical Characteristics
Minimum and maximum values are testing requirements in the temperature range of 25 °C to 85 °C and battery
range of –24 V to –70 V. These minimum and maximum values are guaranteed to –40 °C based on component
simulations and design verification of samples, but devices are not tested to –40 °C in production. The test circuit
shown in Figure 4 is used, unless otherwise noted. Positive currents flow into the device.
Typical values are characteristics of the device design at 25 °C based on engineering evaluations and are not part
of the test requirements. Supply values used for typical characterization are VCC = 5.0 V, VBAT = –48 V, unless
otherwise noted.
Table 4. Power Supply
1. This parameter is not tested in production. It is guaranteed by design and device characterization.
2. Careful thermal design as a function of maximum battery, loop length, maximum ambient temperature package thermal resistance, airflow,
PCB board layers, and other related parameters must ensure that thermal shutdown temperature is not exceeded under normal use condi-
tions.
3. Airflow, PCB board layers, and other factors can greatly affect this parameter.
Parameter
Min
Typ
Max
Unit
Power Supply—Powerup, No Loop Current:
ICC
IBAT (VBAT = –48 V)
Power Dissipation (VBAT = –48 V)
4.6
–2.4
138
5.6
–2.7
158
mA
mA
mW
Power Supply—Scan, No Loop Current:
ICC
IBAT (VBAT = –48 V)
Power Dissipation (VBAT = –48 V)
2.8
–0.8
52
3.8
–1.0
67
mA
mA
mW
Power Supply—Disconnect, No Loop Current:
ICC
IBAT (VBAT = –48 V)
Power Dissipation (VBAT = –48 V)
1.6
–0.12
14
mA
mA
mW
Power Supply Rejection 500 Hz to 3 kHz
(See Figure 5 and Figure 6)1:
VCC
VBAT
30
40
dB
dB
Thermal Protection Shutdown (Tjc)3
150
165
°C
Thermal Resistance, Junction to Ambient (
θJA)2, 3:
Natural Convection 2S2P Board
Natural Convection 2S0P Board
Wind Tunnel 100 Linear Feet per Minute (LFPM) 2S2P Board
Wind Tunnel 100 Linear Feet per Minute (LFPM) 2S0P Board
30
43
27
36
°C/W
°C/W
°C/W
°C/W


Similar Part No. - LUCL9219AAR-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9219AAR-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Analog Devices
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com