Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCW302 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # FCW302
Description  Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW302 Datasheet(HTML) 2 Page - Seoul Semiconductor

  FCW302 Datasheet HTML 1Page - Seoul Semiconductor FCW302 Datasheet HTML 2Page - Seoul Semiconductor FCW302 Datasheet HTML 3Page - Seoul Semiconductor FCW302 Datasheet HTML 4Page - Seoul Semiconductor FCW302 Datasheet HTML 5Page - Seoul Semiconductor FCW302 Datasheet HTML 6Page - Seoul Semiconductor FCW302 Datasheet HTML 7Page - Seoul Semiconductor FCW302 Datasheet HTML 8Page - Seoul Semiconductor FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 00
Rev. 00
September 2009
September 2009
www.
www.acriche
acriche.com
.com
[ Contents ]
1.
Features
2.
Absolute maximum ratings
3.
Electro-optical characteristics
4.
Graphs
5.
Soldering profile
6.
Outline dimension
7.
Reel dimension
8.
Precaution for use


Similar Part No. - FCW302

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW300Z SEOUL-FCW300Z Datasheet
501Kb / 7P
   FLASH LED DEVICE
FCW301Z SEOUL-FCW301Z Datasheet
485Kb / 7P
   FLASH LED DEVICE
More results

Similar Description - FCW302

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-FCW302 SEOUL-SSC-FCW302 Datasheet
572Kb / 9P
   Applications : Mobile Handset Flash Light
logo
Skyworks Solutions Inc.
SKY74691 SKYWORKS-SKY74691 Datasheet
54Kb / 2P
   Receiver for CDMA Mobile Handset Applications
logo
Kingbright Corporation
AA3528SECK KINGBRIGHT-AA3528SECK Datasheet
138Kb / 4P
   3.5 x 2.8 mm SMD LED LAMP
AA3528SF4S-R KINGBRIGHT-AA3528SF4S-R Datasheet
313Kb / 4P
   3.5 x 2.8 mm Infrared Emitting Diode
AA3528SEC KINGBRIGHT-AA3528SEC Datasheet
112Kb / 4P
   3.5 x 2.8 mm SMD LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA3528F3S TO-GRACE-AA3528F3S Datasheet
909Kb / 4P
   3.5 x 2.8 mm Infrared Emitting Diode
AA3528SF4S-R TO-GRACE-AA3528SF4S-R Datasheet
901Kb / 4P
   3.5 x 2.8 mm Infrared Emitting Diode
logo
Skyworks Solutions Inc.
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
   Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Kingbright Corporation
KAA-3528 KINGBRIGHT-KAA-3528 Datasheet
135Kb / 5P
   3.5 X 2.8 MM SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com