Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR101 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # GR101
Description  1.6*0.8*0.8 mm Untinted, Diffused flat mold Dominant Wavelength: 570nm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

GR101 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button GR101 Datasheet HTML 2Page - Seoul Semiconductor GR101 Datasheet HTML 3Page - Seoul Semiconductor GR101 Datasheet HTML 4Page - Seoul Semiconductor GR101 Datasheet HTML 5Page - Seoul Semiconductor GR101 Datasheet HTML 6Page - Seoul Semiconductor GR101 Datasheet HTML 7Page - Seoul Semiconductor GR101 Datasheet HTML 8Page - Seoul Semiconductor GR101 Datasheet HTML 9Page - Seoul Semiconductor GR101 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
Radiation Diagram
Ta = 25o
X
Y
0
30
60
90
120
150
180


Similar Part No. - GR101

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
GR100 MEDER-GR100 Datasheet
157Kb / 3P
   Reed Switch
logo
GeneSiC Semiconductor, ...
GR1000MT17D GENESIC-GR1000MT17D Datasheet
835Kb / 1P
   Silicon Carbide Power MOSFET
GR1000MT17J GENESIC-GR1000MT17J Datasheet
857Kb / 1P
   Silicon Carbide Power MOSFET
logo
Chip Integration Techno...
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
logo
GREEGOO Electric Co.,Lt...
GR1048DA GREEGOO-GR1048DA Datasheet
433Kb / 2P
   GR 1 to 7 KW Motor Reversing SSR
More results

Similar Description - GR101

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FR104-II1 SEOUL-FR104-II1 Datasheet
277Kb / 13P
   1.6*0.8*0.4mm Untinted, Diffused flat mold Dominant Wavelength: 625nm
FB102 SEOUL-FB102 Datasheet
283Kb / 13P
   1.6*0.8*0.6 mm Untinted, Diffused flat mold
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
logo
Seoul Semiconductor
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
   1.6*1.5*0.5 mm Untited, Diffused flat mold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com