Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9214GAU-DT Datasheet(PDF) 1 Page - Agere Systems

Part # LUCL9214GAU-DT
Description  Low-Cost Ringing SLIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9214GAU-DT Datasheet(HTML) 1 Page - Agere Systems

  LUCL9214GAU-DT Datasheet HTML 1Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 2Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 3Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 4Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 5Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 6Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 7Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 8Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Preliminary Data Sheet
October 2001
L9214A/G
Low-Cost Ringing SLIC
Introduction
The Agere Systems Inc. L9214 is a subscriber line
interface circuit that is optimized to provide a very
low-cost solution for short- and medium-loop applica-
tions. This device provides the complete set of line
interface functionality, including power ringing
needed to interface to a subscriber loop. This device
has the capability to operate with a VCC supply of
3.3 V or 5 V and is designed to minimize external
components required at all device interfaces.
Features
s
Low-cost solution
s
Onboard ringing generation with software adjust-
able crest factor switching
s
Flexible VCC options:
— 3.3 V or 5 V VCC
— No –5 V required
s
Power control options:
— Power control resistor
— Automatic battery switch to minimize off-hook
power
s
Eight operating states:
— Scan mode for minimal power dissipation
— Forward and reverse battery active
— On-hook transmission states
— Ring mode
— Disconnect mode
s
Low on-hook power:
— 25 mW scan mode
— 165 mW active mode
s
Two SLIC gain options to minimize external com-
ponents in codec interface
s
Loop start, ring trip, and ground key detectors
s
Programmable current limit
s
On-hook and scan mode line voltage clamp
s
Thermal protection
s
48-pin MLCC, 32-pin PLCC, and 28-pin SOG
(Please contact your Agere Sales Representative
for availability) packages
Applications
s
Voice over Internet Protocol (VoIP)
s
Cable Modems
s
Terminal Adapters (TA)
s
Wireless Local Loop (WLL)
s
Telcordia Technologies
GR-909 Access
s
Network Termination (NT)
s
PBX
s
Key Systems
Description
This device is optimized to provide battery feed, ring-
ing, and supervision on short- and medium-loop plain
old telephone service (POTS) loops. Supported
round trip loop length is up to 1000
Ω.
This device provides power ring to the subscriber by
the use of line reversal to create either a sine wave
ringing signal with a PWM input or a trapezoidal ring-
ing signal with a selectable crest factor from a square
wave input. It provides forward and reverse battery
feed states, on-hook transmission, a low-power scan
state, and a forward disconnect state.
The device requires a VCC and line feed battery to
operate. VCC may be either a 3.3 V or a 5 V supply.
The ringing signal is derived from the high-voltage
battery. An automatic battery switch is included to
allow for use of a second lower voltage battery in the
off-hook mode, thus minimizing short-loop off-hook
power consumption and dissipation. If the user
desires single battery operation, a power resistor is
required to reduce the power dissipation in the SLIC.
Loop closure, ring trip, and ground key detectors are
available. The loop closure detector has a fixed
threshold with hysteresis. The ring trip detector and
ground key detector threshold and time constants are
externally set.
The dc current limit is programmed by an external
resistor, the maximum current limit determined by the
Vcc supply.
The overhead voltage for this device is fixed and the
device is capable of supporting 3.17 dB into a 600
load with minimal overhead.
The device is offered with two gain options. This
allows for an optimized codec interface, with minimal
external components regardless of whether a first-
generation or a programmable third-generation
codec is used.


Similar Part No. - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9215AAU-D AGERE-LUCL9215AAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215AAU-DT AGERE-LUCL9215AAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215ARG-D AGERE-LUCL9215ARG-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-D AGERE-LUCL9215GAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-DT AGERE-LUCL9215GAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
More results

Similar Description - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com