Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9214GRG-DT Datasheet(PDF) 3 Page - Agere Systems

Part # LUCL9214GRG-DT
Description  Low-Cost Ringing SLIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9214GRG-DT Datasheet(HTML) 3 Page - Agere Systems

  LUCL9214GRG-DT Datasheet HTML 1Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 2Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 3Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 4Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 5Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 6Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 7Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 8Page - Agere Systems LUCL9214GRG-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Preliminary Data Sheet
October 2001
Low-Cost Ringing SLIC
L9214A/G
Agere Systems Inc.
3
Table of Contents (continued)
Figures
Page
Figure 1. Architecture Diagram ...................................7
Figure 2. 28-Pin SOG Diagram ..................................8
Figure 3. 32-Pin PLCC Diagram .................................8
Figure 4. 48-Pin MLCC Diagram .................................9
Figure 5. Basic Test Circuit (3 REN Configuration) ..22
Figure 6. Metallic PSRR ...........................................23
Figure 7. Longitudinal PSRR ....................................23
Figure 8. Longitudinal Balance .................................23
Figure 9. ac Gains ....................................................23
Figure 10. Ringing Waveform Crest Factor = 1.6 .....27
Figure 11. Ringing Waveform Crest Factor = 1.2 .....27
Figure 12. Ring Operation ........................................28
Figure 13. ac Equivalent Circuit ................................31
Figure 14. Agere T7504 First-Generation Codec;
Resistive Termination (5 REN
Configuration)...........................................32
Figure 15. Interface Circuit Using First-Generation
Codec (Blocking Capacitors
Not Shown) ..............................................35
Figure 16. ac Interface Using First-Generation
Codec (Including Blocking Capacitors)
for Complex Termination Impedance ......37
Figure 17. Agere T7504 First-Generation Codec;
Complex Termination with Power Control
Resistor (3 REN Configuration)................38
Figure 18. Third-Generation Codec ac Interface
Network; Complex Termination (3 REN
Configuration)...........................................40
Tables
Page
Table 1. Pin Descriptions ......................................... 10
Table 2. Control States ............................................ 12
Table 3. Typical Operating Characteristics .............. 14
Table 4. Thermal Characteristics.............................. 14
Table 5. Environmental Characteristics ................... 15
Table 6. 5.0 V Supply Currents ............................... 15
Table 7. 5. 0 V Powering .......................................... 15
Table 8. 3.3 V Supply Currents ................................ 16
Table 9. 3.3 V Powering .......................................... 16
Table 10. Two-Wire Port .......................................... 17
Table 11. Analog Pin Characteristics ...................... 18
Table 12. ac Feed Characteristics ........................... 19
Table 13. Logic Inputs and Outputs
(VCC = 5.0 V) .............................................. 20
Table 14. Logic Inputs and Outputs
(VCC = 3.3 V) ............................................ 20
Table 15. Ringing Specifications ............................. 20
Table 16. Ring Trip (3 REN Configuration) .............. 21
Table 17. Ring Trip (5 REN Configuration)............... 21
Table 18. Typical Active Mode On- to Off-Hook
Tip/Ring Current-Limit Transient
Response ................................................ 25
Table 19. FB1/FB2 Values vs. Typical Ramp Time
at VBAT1 = –65 V ....................................... 26
Table 20. L9214 Parts List for Agere T7504
First-Generation Codec; Resistive
Termination .............................................. 33
Table 21. L9214 Parts List for Agere T7504 First-
Generation Codec; Complex Termination
with Power Control Resistor .................... 38
Table 22. L9214 Parts List for Agere T8536
Third-Generation Codec Meter Pulse
Application ac and dc Parameters;
Fully Programmable ................................ 41


Similar Part No. - LUCL9214GRG-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9215AAU-D AGERE-LUCL9215AAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215AAU-DT AGERE-LUCL9215AAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215ARG-D AGERE-LUCL9215ARG-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-D AGERE-LUCL9215GAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-DT AGERE-LUCL9215GAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
More results

Similar Description - LUCL9214GRG-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com