Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2505H22 Datasheet(PDF) 1 Page - Agere Systems

Part # E2505H22
Description  E2500-Type 2.5 Gbits/s Electroabsorption Moudlated Isolated Laser Module (EM-ILM) for Ultralong-Reach Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

E2505H22 Datasheet(HTML) 1 Page - Agere Systems

  E2505H22 Datasheet HTML 1Page - Agere Systems E2505H22 Datasheet HTML 2Page - Agere Systems E2505H22 Datasheet HTML 3Page - Agere Systems E2505H22 Datasheet HTML 4Page - Agere Systems E2505H22 Datasheet HTML 5Page - Agere Systems E2505H22 Datasheet HTML 6Page - Agere Systems E2505H22 Datasheet HTML 7Page - Agere Systems E2505H22 Datasheet HTML 8Page - Agere Systems E2505H22 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet, Rev. 1
September 2001
E2500-Type 2.5 Gbits/s Electroabsorption Modulated Isolated
Laser Module (EM-ILM) for Ultralong-Reach Applications
The E2500 EM-ILM, the newest generation of the award-
winning 266-Type EM-ILM, features an integrated modulator
and laser chip, and provides a compact, cost-effective solu-
tion for extended-reach transmissions.
Features
s
Integrated electroabsorptive modulator
s
1.5 µm wavelength
s
Characterized for 2.5 Gbits/s operation
s
Very low dispersion penalty over 600 km
s
Low modulation voltage
s
Temperature stabilized
s
Wavelengths selectable to ITU-T standards
s
Ultrastable wavelength aging performance for
DWDM systems
Applications
s
SONET/SDH extended-reach applications
s
High-capacity DWDM system applications
s
High-speed data communications
s
Digitized video
Description
The E2500-Type EM-ILM is a 1.5 µm laser with an
integrated electroabsorptive modulator packaged in
an industry-standard, 14-pin butterfly package. The
device has been designed to be used in 2.5 Gbits/s
extended-reach applications where the distances
between regenerators is in the range of 150 km—
1000 km. To boost the transmitter power high enough
to reach the receiver, the device typically is coupled
with an erbium-doped fiber amplifier (EDFA) such as
Agere Systems Inc.’s 1724 EDFA. The standard
product is specified for use up to 360 km (E2505
Series) and 600 km (E2502 Series).
The E2500 EM-ILM can replace external modulators
in many applications. The nominal input impedance
for the modulator is 50
Ω. By integrating the
modulator with the laser chip, the device offers a
compact, cost-effective solution for extended-reach
transmission applications. It can also be specified for
WDM applications where wavelength selection is
required. Agere is providing devices compatible with
the ITU-T wavelength standards.


Similar Part No. - E2505H22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E250 ETC2-E250 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
General Cable Technolog...
E2502S GENERAL-E2502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SRPVC OAS PVC Fire Alarm/Life Safety Cable
E2503S GENERAL-E2503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2506S GENERAL-E2506S Datasheet
74Kb / 1P
   6C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E2505H22

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
Ericsson
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com