Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2505H Datasheet(PDF) 4 Page - Agere Systems

Part # E2505H
Description  E2500-Type 2.5 Gbits/s Electroabsorption Moudlated Isolated Laser Module (EM-ILM) for Ultralong-Reach Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

E2505H Datasheet(HTML) 4 Page - Agere Systems

  E2505H Datasheet HTML 1Page - Agere Systems E2505H Datasheet HTML 2Page - Agere Systems E2505H Datasheet HTML 3Page - Agere Systems E2505H Datasheet HTML 4Page - Agere Systems E2505H Datasheet HTML 5Page - Agere Systems E2505H Datasheet HTML 6Page - Agere Systems E2505H Datasheet HTML 7Page - Agere Systems E2505H Datasheet HTML 8Page - Agere Systems E2505H Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet, Rev. 1
September 2001
Isolated Laser Module (EM-ILM)
E2500-Type 2.5 Gbits/s Electroabsorption Modulated
4
Agere Systems Inc.
Characteristics (continued)
* Operation at a DT of 70 °C – TSET is guaranteed, where TSET is the laser temperature required to achieve the required ITU wavelength,
over life, in a DWDM system (TSET range is 15 °C to 35 °C). In a non-WDM application, TSET is 25 °C.
Modulator
Extinction Ratio
ERRF
VM = 0 V to –3.0 V, 2.5 Gbits/s
10
dB
RF Return Loss (0 GHz to 2 GHz)
S11
VM = –VPP/2
If = IOP
10
dB
RF Return Loss (2 GHz to 3 GHz)
S11
VM = –VPP/2
If = IOP
7—
dB
RF Return Loss (3 GHz to 5 GHz)
S11
VM = –VPP/2
If = IOP
3—
dB
–3 dB Bandwidth
BW
VM = –VPP/2
If = IOP
3.5
GHz
Modulator Current @
VM = 0 V, If = 50 mA
——
15
mA
Rise/Fall Time (20% to 80%)
tR/tF
——
125
ps
Monitor Diode
Monitor Current
IBD
TLASER CHIP = TOP
VBD = 5 V, If = IOP
40
1100
µA
Dark Current
ID
TLASER CHIP = TOP , VBD = –5 V
—0.1
µA
Capacitance
C
VBD = 5 V, f = 1 MHz
—25
pF
Thermistor
Resistance
RTHERM
T = 25
°C
9.5
10.5
k
Thermistor Current
ITC
—10
100
µA
Thermistor B Constant
B
3700 4100
Thermoelectric Cooler
TEC Current
ITEC
TLASER CHIP = 15
°C
TCASE = 70
°C
1.3
A
TEC Voltage
VTEC
TLASER CHIP = 15
°C
TCASE = 70
°C
2.6
V
TEC Power
PTEC
TLASER CHIP = 15
°C
TCASE = 70
°C
3.0
W
TEC Capacity
∆T
TCASE = 70
°C
*—
°C
Laser Module
Optical Isolation
TCASE = 0
°C to 65 °C
30
dB
Table 2. Optical and Electrical Specifications (continued)
Parameter
Symbol
Conditions
Min Max
Unit


Similar Part No. - E2505H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E250 ETC2-E250 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
General Cable Technolog...
E2502S GENERAL-E2502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SRPVC OAS PVC Fire Alarm/Life Safety Cable
E2503S GENERAL-E2503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2506S GENERAL-E2506S Datasheet
74Kb / 1P
   6C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E2505H

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
Ericsson
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com