Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG1605DXB-FLP Datasheet(PDF) 1 Page - Agere Systems

Part # LG1605DXB-FLP
Description  LG1605DXB Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1605DXB-FLP Datasheet(HTML) 1 Page - Agere Systems

  LG1605DXB-FLP Datasheet HTML 1Page - Agere Systems LG1605DXB-FLP Datasheet HTML 2Page - Agere Systems LG1605DXB-FLP Datasheet HTML 3Page - Agere Systems LG1605DXB-FLP Datasheet HTML 4Page - Agere Systems LG1605DXB-FLP Datasheet HTML 5Page - Agere Systems LG1605DXB-FLP Datasheet HTML 6Page - Agere Systems LG1605DXB-FLP Datasheet HTML 7Page - Agere Systems LG1605DXB-FLP Datasheet HTML 8Page - Agere Systems LG1605DXB-FLP Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
February 1999
LG1605DXB Limiting Amplifier
Features
s
28 dB gain, 34 dB differential
s
Large dynamic range: >60 dB
s
Wideband response: 8 kHz to 3 GHz
s
Extremely low ±4 ps delay skew across input range
s
Complementary 50
Ω I/Os
s
Surface-mount package
s
Standard ECL supply (400 mW)
Applications
s
Data/clock main amplifier SONET/SDH OC-48/
STM-16 transmission systems, DWDM systems
s
Digital video transmission
s
Interface between 1319 receiver and LG1600
clock and data regenerator
s
High-speed comparator
Functional Description
The LG1605DXB is a GaAs wideband limiting ampli-
fier with differential inputs and outputs that provides
28 dB of gain (34 dB differential) and 3 GHz of band-
width in a 50
Ω environment (Figure 1 shows the
block diagram). At low input levels, below 10 mV to
20 mV, the circuit behaves as a linear amplifier. At
higher levels, the device goes smoothly into limiting.
The device matches the performance of an AGC
amplifier but shows none of the AGC bouncing and
attack characteristics.
12-3214(F).r3
Figure 1. LG1605DXB Block Diagram
110 pF
25 k
110 pF
–+
13
14
2
3
V–OUT
CHIP BOUNDARY
GND
1, 4, 5, 6, 15, 16
7
VBR
8
+
+
9
10
11
12
110 pF
50
VSS
V+OUT
VBS
VBF
V+REF
V+IN
V–IN
V–REF
25 k
+
+
50


Similar Part No. - LG1605DXB-FLP

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0500 AGERE-LG1600FXH0500 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0553 AGERE-LG1600FXH0553 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0622 AGERE-LG1600FXH0622 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH1200 AGERE-LG1600FXH1200 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
More results

Similar Description - LG1605DXB-FLP

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
   Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
   Limiting Amplifier
HE073B BOWEI-HE073B Datasheet
112Kb / 1P
   Limiting Amplifier
HE072A BOWEI-HE072A Datasheet
103Kb / 1P
   Limiting Amplifier
HE073A BOWEI-HE073A Datasheet
107Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2890 AD-ADN2890_17 Datasheet
350Kb / 12P
   Limiting Amplifier
logo
Spectrum Microwave, Inc...
TML9017 SPECTRUM-TML9017 Datasheet
735Kb / 1P
   RF Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com