Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG1600FXH1244 Datasheet(PDF) 7 Page - Agere Systems

Part # LG1600FXH1244
Description  LG1600FXH Clock and Data Regenerator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1600FXH1244 Datasheet(HTML) 7 Page - Agere Systems

Back Button LG1600FXH1244 Datasheet HTML 3Page - Agere Systems LG1600FXH1244 Datasheet HTML 4Page - Agere Systems LG1600FXH1244 Datasheet HTML 5Page - Agere Systems LG1600FXH1244 Datasheet HTML 6Page - Agere Systems LG1600FXH1244 Datasheet HTML 7Page - Agere Systems LG1600FXH1244 Datasheet HTML 8Page - Agere Systems LG1600FXH1244 Datasheet HTML 9Page - Agere Systems LG1600FXH1244 Datasheet HTML 10Page - Agere Systems LG1600FXH1244 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
August 1999
LG1600FXH Clock and Data Regenerator
7
Lucent Technologies Inc.
Pin Information (continued)
The pin descriptions for the LG1600FXH are given in Table 1.
Table 1. Pin Descriptions
Pin
Symbol
Name/Description
1, 4, 17
DNC
Do Not Connect. Internal test point or reserved for future use.
7VREF
Reference Voltage. Nominally –3.2 V. Can be used to bias LG1605DXB
(see data sheet). Load
≥10 kΩ.
9CEXT
Terminal for optional external capacitor to increase PLL damping (normally
not connected).
11
REXT
Terminal for external resistor to set PLL bandwidth (Required).
14
LOS
Loss of Signal Indicator. Provides approximately 1 mA sink current with
data signal present, can interface to CMOS, TTL when connected to logic
VDD through a 10 k
Ω resistor. Normally grounded when not used.
26
V–CLKO
Recovered Clock Out. ac couple or terminate into 50
Ω to GND.
31
V+CLKO
Recovered Clock Out. ac couple or terminate into 50
Ω to GND.
35
VSS
Supply Voltage. –5.2 Vdc nominal.
Warning: Connecting a positive voltage to this pin will permanently
damage the device.
38
V–OUT
Regenerated Data Out. ac couple or terminate into 50
Ω to GND.
43
V+OUT
Regenerated Data Out. ac couple or terminate into 50
Ω to GND.
48
V–FB
dc Feedback Voltage. Connect to V–TH.
51
V–TH
Input Threshold Voltage. Connect to V–FB.
55
V–IN
Negative Data Input. Internally ac coupled.
60
V+IN
Positive Data Input. Internally ac coupled.
65
V+FB
dc Feedback Voltage. Internally connected; not normally used.
18, 68
NIC
No Internal Connection. May be grounded.
2, 3, 5, 6,
8, 10, 12,
13, 15, 16,
19, 20, 21,
22, 23, 24,
25, 27, 28,
29, 30, 32,
33, 34, 36,
37, 39, 40,
41, 42, 44,
45, 46, 47,
49, 50, 52,
53, 54, 56,
57, 58, 59,
61, 62, 63,
64, 66, 67
GND
Ground. Connect to top ground plane of coplanar/microstrip circuit board.
Body
GND
Ground. Does not need to be connected. GND pins provide all necessary
ground connections.


Similar Part No. - LG1600FXH1244

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH0622 AGERE-LG1600KXH0622 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1244 AGERE-LG1600KXH1244 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1250 AGERE-LG1600KXH1250 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1298 AGERE-LG1600KXH1298 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
More results

Similar Description - LG1600FXH1244

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
Raltron Electronics Cor...
SY02-MFTP RALTRON-SY02-MFTP Datasheet
289Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-MFTP
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com