Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW061FH0 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SSW061FH0
Description  Side View LED Of Reflector Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSW061FH0 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SSW061FH0 Datasheet HTML 3Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 4Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 5Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 6Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 7Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 8Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 9Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 10Page - Seoul Semiconductor SSW061FH0 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Rev. 00
Rev. 00
January, 2013
January, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[7
7 /17]
/17]
Forward Voltage vs. Ambient Temperature
Relative Luminosity
vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
Spectrum
400
500
600
700
800
Ta = 25
OC
IF = 20 mA
Wavelength [nm]
-40
-20
0
20
40
60
80
100
0.80
0.85
0.90
0.95
1.00
1.05
1.10
I
F = 20 mA
Ambient Temprature [
o
C]
-40
-20
0
20
40
60
80
100
0.96
0.98
1.00
1.02
1.04
I
F = 20 mA
Ambient Temprature [
o
C]
0.26
0.27
0.28
0.29
0.240
0.245
0.250
0.255
0.260
0.265
0.270
85
o
C
50
o
C
25
o
C
0
oC
-30
oC
IF = 20 mA
x Coord.


Similar Part No. - SSW061FH0

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSW061MM0 SEOUL-SSW061MM0 Datasheet
1Mb / 22P
   Side View LED
More results

Similar Description - SSW061FH0

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
   Side View LEd Of Reflector Type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
SWFB07 SEOUL-SWFB07 Datasheet
1Mb / 17P
   Side View LED of Reflector type
SWDB05V SEOUL-SWDB05V Datasheet
1Mb / 19P
   Side View LED of Reflector type
logo
Rohm
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Everlight Electronics C...
G6C-AQ2S1 EVERLIGHT-G6C-AQ2S1 Datasheet
123Kb / 7P
   Side View LED (Through Hole Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com