Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7343-10 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7343-10
Description  10 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7343-10 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7343-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7343-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7343-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
TNC Female
Connector 2
TNC Male
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
10
Maximum Input Power, Watts
50
Maximum VSWR
1.6:1
Frequency 1
Range, GHz
DC to 6
VSWR
1.3:1
Attenuation Accuracy, dB
0.75
Frequency 2
Range, GHz
6 to 12.4
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Frequency 3
Range, GHz
12.4 to 18
VSWR
1.6:1
Attenuation Accuracy, dB
1.25
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.01 [101.85]
Width, in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Weight, lbs [g]
1.796 [814.65]
10 dB Fixed Attenuator, TNC Female To TNC Male
Directional Rated To 50 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18
GHz PE7343-10
PE7343-10
PE7343-10 REV NC


Similar Part No. - PE7343-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7343-20 PASTERNACK-PE7343-20 Datasheet
351Kb / 3P
   20 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7343-3 PASTERNACK-PE7343-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7343-30 PASTERNACK-PE7343-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, SMA Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7343-40 PASTERNACK-PE7343-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7343-50 PASTERNACK-PE7343-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7343-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7350-10 PASTERNACK-PE7350-10 Datasheet
350Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7351-10 PASTERNACK-PE7351-10 Datasheet
350Kb / 3P
   10 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7350-50 PASTERNACK-PE7350-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7343-50 PASTERNACK-PE7343-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7350-40 PASTERNACK-PE7350-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7343-6 PASTERNACK-PE7343-6 Datasheet
351Kb / 3P
   6 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7351-50 PASTERNACK-PE7351-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7343-3 PASTERNACK-PE7343-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7350-30 PASTERNACK-PE7350-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7350-6 PASTERNACK-PE7350-6 Datasheet
350Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com