Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG1600FXH2433 Datasheet(PDF) 2 Page - Agere Systems

Part # LG1600FXH2433
Description  LG1600FXH Clock and Data Regenerator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1600FXH2433 Datasheet(HTML) 2 Page - Agere Systems

  LG1600FXH2433 Datasheet HTML 1Page - Agere Systems LG1600FXH2433 Datasheet HTML 2Page - Agere Systems LG1600FXH2433 Datasheet HTML 3Page - Agere Systems LG1600FXH2433 Datasheet HTML 4Page - Agere Systems LG1600FXH2433 Datasheet HTML 5Page - Agere Systems LG1600FXH2433 Datasheet HTML 6Page - Agere Systems LG1600FXH2433 Datasheet HTML 7Page - Agere Systems LG1600FXH2433 Datasheet HTML 8Page - Agere Systems LG1600FXH2433 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
LG1600FXH Clock and Data Regenerator
August 1999
2
Lucent Technologies Inc.
Functional Description
The LG1600FXH Clock and Data Regenerator (CDR)
is a compact, single device solution to clock recovery
and data retiming in high-speed communication sys-
tems such as fiber-optic data links and long-span fiber-
optic regenerators and terminals. Using frequency and
phase-lock loop (FPLL) techniques, the device regen-
erates clean clock and error-free data signals from a
nonreturn-to-zero (NRZ) data input, corrupted by jitter
and intersymbol interference. The LG1600FXH
exceeds ITU-T/Bellcore jitter tolerance requirements
for SONET/SDH systems.
The device houses two integrated circuits on an alu-
mina substrate inside a hermetically sealed 3 cm
×
3cm (1.2 in.
× 1.2 in.) surface-mount package: a GaAs
IC that contains the high-speed part of an FPLL as well
as a highly sensitive decision circuit; and a silicon bipo-
lar IC that contains a loop filter, acquisition, and signal
detect circuitry.
The two ac-coupled complementary data inputs can be
driven differentially as well as single ended. A dc feed-
back voltage V–FB maintains a data input threshold
V–TH (decision level) that is optimum for a wide range
of 50% duty cycle input levels (connect to V–TH). If
needed, the user can supply an external threshold to
compensate for different mark densities or distorted
input signals (see Figure 10).
Regenerated clock and data are available from comple-
mentary outputs that can either be ac coupled, to pro-
vide 50
Ω output match, or dc coupled with 50 Ω to
ground at the receiving end.
The second-order PLL filter bandwidth is set by the
user with an external resistor between pin 11 and
ground (required). An internal capacitor provides suffi-
cient PLL damping for most applications. In critical
applications, PLL damping can be increased using an
external capacitor between pins 9 and 11.
The device is powered by a single –5.2 V ECL compat-
ible supply and typically consumes 1.5 W.
The LG1600FXH comes in standard bit rates, but can
be factory tuned for any rate between 500 Mbits/s and
5500 Mbits/s.
A test fixture (TF1004A) with SMA connectors is avail-
able to allow quick evaluation of the LG1600FXH.
Theory of Operation
A digital regenerator has the task of retransmitting a bit
stream that is received from a remote source with the
same fidelity at which it was originally transmitted.
Two basic properties of the digital signal need to be
restored: the timing of the transitions between the bits
and the value of each bit.
12-3225(F)r.6
Figure 2. LG1600FXH Block Diagram
VCO
Q
D
V+CLKO
V–CLKO
31
26
D
FREQ. &
90
°
LOOP CONTROL &
11
9
7
VREF
CEXT
REXT
LOS
V–TH
51
V–FB
48
55
60
65
V–IN
V+IN
V+FB
0.047
µF
0.047
µF
0.047
µF
0.047
µF
1 k
50
25 k
50
25 k
1 k
43
38
V+OUT
V–OUT
VSS
35
0.047
µF
0.047
µF
SIGNAL DETECT
PHASE
DETECT.
0
°


Similar Part No. - LG1600FXH2433

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH0622 AGERE-LG1600KXH0622 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1244 AGERE-LG1600KXH1244 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1250 AGERE-LG1600KXH1250 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1298 AGERE-LG1600KXH1298 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
More results

Similar Description - LG1600FXH2433

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
Raltron Electronics Cor...
SY02-MFTP RALTRON-SY02-MFTP Datasheet
289Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-MFTP
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com