Electronic Components Datasheet Search |
|
PE7364-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
PE7364-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
1 / 3 page 1 TECHNICAL DATA SHEET 3 dB Fixed Attenuator, SMA Female To TNC Female Rated To 25 Watts Up To 18 GHz Configuration Design Fixed, Bidirectional Attenuator Connector 1 SMA Female Connector 2 TNC Female Body Material and Plating Aluminum Heatsink, Black Anodized Electrical Specifications Frequency Range, GHz DC to 18 Impedance, Ohms 50 Attenuation Value, dB 3 to 3 Maximum Input Power, Watts 25 Maximum VSWR 1.6:1 Frequency 1 Range, GHz DC to 6 Insertion Loss, dB 3 VSWR 1.3:1 Attenuation Accuracy, dB 0.5 Maximum Input Power, Watts 25 Frequency 2 Range, GHz 6 to 12.4 VSWR 1.45:1 Attenuation Accuracy, dB 0.75 Frequency 3 Range, GHz 12.4 to 18 VSWR 1.6:1 Attenuation Accuracy, dB 1 Mechanical Specifications Temperature Operating Range, deg C -55 to +125 Size Length, in [mm] 4.5 [114.3] Width, in [mm] 2.41 [61.21] . Weight, lbs [g] 0.8 [362.87] 3 dB Fixed Attenuator, SMA Female To TNC Female Rated To 25 Watts Up To 18 GHz Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: 3 dB Fixed Attenuator, SMA Female To TNC Female Rated To 25 Watts Up To 18 GHz PE7364-3 PE7364-3 PE7364-3 REV NC |
Similar Part No. - PE7364-3 |
|
Similar Description - PE7364-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |