Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU6612-T64-DB Datasheet(PDF) 10 Page - Agere Systems

Part # LU6612-T64-DB
Description  LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU6612-T64-DB Datasheet(HTML) 10 Page - Agere Systems

Back Button LU6612-T64-DB Datasheet HTML 6Page - Agere Systems LU6612-T64-DB Datasheet HTML 7Page - Agere Systems LU6612-T64-DB Datasheet HTML 8Page - Agere Systems LU6612-T64-DB Datasheet HTML 9Page - Agere Systems LU6612-T64-DB Datasheet HTML 10Page - Agere Systems LU6612-T64-DB Datasheet HTML 11Page - Agere Systems LU6612-T64-DB Datasheet HTML 12Page - Agere Systems LU6612-T64-DB Datasheet HTML 13Page - Agere Systems LU6612-T64-DB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LU6612
Data Sheet
FASTCAT Single-FET for 10Base-T/100Base-TX
July 2000
10
Lucent Technologies Inc.
Table 2. MII Management Pins (2)
Table 3. 10/100 Mbits/s Twisted-Pair (TP) Interface Pins (4)
TX_ER/
TXD[4]
I29
Transmit Coding Error. When driven high, this signal causes the encoder to inten-
tionally corrupt the byte being transmitted across the MII (00100 will be transmitted).
When the encoder/decoder bypass bit is set, this input serves as the TXD[4] input.
When in 10 Mbits/s mode and SERIAL_SEL (register 30, bit 1) is active-high, this pin
is ignored.
RX_EN
I
28
Receive Enable. When this pin is high, the outputs (RXD[3:0], RX_ER, RX_CLK,
RX_DV) are enabled. This pin has an internal 100 k
Ω pull-up resistor.
Signal
Type
Pin
Description
MDC
I
26
Management Data Clock. This is the timing reference for the transfer of data on
the MDIO signal. This signal may be asynchronous to RX_CLK and TX_CLK. The
standard clock rate is 2.5 MHz, the maximum clock rate is 12.5 MHz. When running
MDC above 6.25 MHz, MDC must be synchronous with LSCLK and have a setup time
of 15 ns and a hold time of 5 ns with respect to LSCLK.
MDIO
IO
25
Management Data Input/Output. This I/O is used to transfer control and status infor-
mation between LU6612 and the station management. Control information is driven by
the station management synchronous with MDC. Status information is driven by the
LU6612 synchronous with MDC.
Signal
Type
Pin
Description
RX
I
63
Received Data. Positive differential received 125 Mbaud MLT3 or 10 Mbaud
Manchester data from magnetics.
RY
I
62
Received Data. Negative differential received 125 Mbaud MLT3 or 10 Mbaud
Manchester data from magnetics.
TX
O
8
Transmit Data. Positive differential transmit 125 Mbaud MLT3 or 10 Mbaud
Manchester data to magnetics.
TY
O
9
Transmit Data. Negative differential transmit 125 Mbaud MLT3 or 10 Mbaud
Manchester data to magnetics.
Signal
Type
Pin
Description
Pin Information (continued)
Table 1. MII/Serial Interface Pins (17) (continued)


Similar Part No. - LU6612-T64-DB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU661 SEOUL-LU661 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LU661 SEOUL-LU661 Datasheet
360Kb / 13P
   CYAN LAMP LED
LU661 SEOUL-LU661 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU661 SEOUL-LU661 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU661 SEOUL-LU661 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LU6612-T64-DB

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
   10Base-T/100Base-TX Integrated PHYceiver-TM
logo
Agere Systems
LU3X54FTL AGERE-LU3X54FTL Datasheet
669Kb / 52P
   QUAD-FET for 10Base-T/100Base-TX/FX
logo
Integrated Circuit Syst...
ICS1893AG ICST-ICS1893AG Datasheet
1Mb / 135P
   3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
   OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
   QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
   10BASE-T/ 100BASE-TX Ethernet PHY
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
   10Base-T/100Base-TX Integrated PHYceiver
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Keysight Technologies
N8825A KEYSIGHT-N8825A Datasheet
1Mb / 12P
   N8825A/B Infiniium 10BASE-T / 100BASE-TX
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com