Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJL2501 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBJL2501
Description  25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJL2501 Datasheet(HTML) 1 Page - Micro Commercial Components

  GBJL2501 Datasheet HTML 1Page - Micro Commercial Components GBJL2501 Datasheet HTML 2Page - Micro Commercial Components GBJL2501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBJ
L25005
THRU
GBJ
L2510
25 Amp
Glass Passivated
Bridge Rectifier
50 to 1
000 Volts
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ
L25005
50V
35V
50V
GBJ
L2501
100V
70V
100V
GBJ
L2502
200V
140V
200V
GBJ
L2504
400V
280V
400V
GBJ
L2506
600V
420V
600V
GBJ
L2508
800V
560V
800V
GBJ
L2510
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
350A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500
TJ = 25
°C
TJ= 125
°C
Typical Junction
Capacitance
CJ
85 pF
Measured at
1.0MHz, VR=4.0V
GBJ
L
Typical thermal
resistance
ROJC
0.6
/W
°C
IFM = 12.5 A
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Features
Moisture Sensitivity Level 1
• Mounting Torgue: 5.0 in-lbs Maximum
• Mounting: Through Hole for #6 Screw
• Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
+
~
~
-
A
F
L
M
N
C
O
O
P
B
D
J
K
E
G
R
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.067
1.091
27.10
27.70
B
.551
.575
14.00
14.60
C
.570
.610
14.50
15.50
D
.071 typ
1.80 typ
E
.339
.354
8.60
9.00
G
.120
.134
3.00
3.40
J
.098
.114
2.50
2.90
K
.012
.028
0.30
0.70
N
.390
.400
9.80
10.20
P
.079
.094
2.00
2.40
H
.110
.126
2.80
3.20
F
.071
.087
1.80
2.20
R
.150
.157
3.60
4.00
~
~
L
.098
.114
2.50
2.90
M
.035
.043
0.90
1.10
O
.290
.300
7.30
7.70
Revision: B
2013/01/01
TM
Micro Commercial Components
GBJL25005
GBJL2501
GBJL2502
GBJL2504
GBJL2506
GBJL2508
GBJL2510
www.mccsemi.com
1 of 3
µA
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
Case Type
UL Recognized File # E165989
Epoxy meets UL 94 V-0 flammability rating
• Halogen free available upon request by adding suffix "-HF"
• Low forward voltage drop, high current capability.
• Ideal for printed circuit board


Similar Part No. - GBJL2501

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJL2506 SECOS-GBJL2506 Datasheet
215Kb / 2P
   Voltage 600V 25.0 Amp Low VF Glass Passivited Bridge Rectifiers
GBJL2506 SECOS-GBJL2506 Datasheet
185Kb / 2P
   Low VF Bridge Rectifiers
GBJL2506-C SECOS-GBJL2506-C Datasheet
185Kb / 2P
   Low VF Bridge Rectifiers
GBJL2506 SECOS-GBJL2506_18 Datasheet
185Kb / 2P
   Low VF Bridge Rectifiers
More results

Similar Description - GBJL2501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005_11 Datasheet
253Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005_09 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005W MCC-GBPC25005W Datasheet
344Kb / 3P
   25 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
KBPC2500GS MCC-KBPC2500GS Datasheet
88Kb / 2P
   25 Amp Glass Passivated In-Line Bridge Rectifier 50 to 1000 Volts
MP2505WGP MCC-MP2505WGP Datasheet
287Kb / 3P
   Glass Passivated Bridge Rectifier 50 to 1000 Volts 25 Amps
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com